Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-6TQ035PBF Datasheet (PDF) - Vishay Siliconix

VS-6TQ035PBF Datasheet PDF - Vishay Siliconix
Part # VS-6TQ035PBF
Download  VS-6TQ035PBF Download
File Size   135.65 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 6 A

VS-6TQ035PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-6TQ035PBF Datasheet PDF - Vishay Siliconix

Part # VS-6TQ035PBF
Download  VS-6TQ035PBF Click to download

File Size   135.65 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 6 A

VS-6TQ035PBF Datasheet (HTML) - Vishay Siliconix


VS-6TQ035PBF Product details

FEATURES
• 175 °C TJ operation
• High frequency operation
• Low forward voltage drop
• High purity, high temperature epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)

DESCRIPTION
The VS-6TQ... Schottky rectifier series has been optimized
for low reverse leakage at high temperature. The proprietary
barrier technology allows for reliable operation up to 175 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.




Similar Part No. - VS-6TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-6TQ035PBF VISHAY-VS-6TQ035PBF Datasheet
168Kb / 8P
Schottky Rectifier
29-Aug-11
More results


Similar Description - VS-6TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
Schottky Rectifier, 6 A
27-Jun-08
6TQ045PBF VISHAY-6TQ045PBF Datasheet
115Kb / 6P
Schottky Rectifier, 6 A
06-Jun-08
6TQ045SPBF VISHAY-6TQ045SPBF Datasheet
127Kb / 6P
Schottky Rectifier, 6 A
26-May-08
6TQ045S VISHAY-6TQ045S Datasheet
124Kb / 6P
Schottky Rectifier, 6 A
27-Jun-08
6TQ035SPBF VISHAY-6TQ035SPBF_10 Datasheet
122Kb / 6P
Schottky Rectifier, 6 A
15-Mar-10
6TQ035PBF VISHAY-6TQ035PBF_12 Datasheet
167Kb / 7P
Schottky Rectifier, 6 A
29-Aug-11
6TQ035SPBF VISHAY-6TQ035SPBF_12 Datasheet
167Kb / 7P
Schottky Rectifier, 6 A
15-Mar-10
VS-6TQPBF VISHAY-VS-6TQPBF Datasheet
168Kb / 7P
Schottky Rectifier, 6 A
29-Aug-11
6TQ VISHAY-6TQ Datasheet
94Kb / 6P
Schottky Rectifier, 6 A
27-Jun-08
6TQS VISHAY-6TQS Datasheet
107Kb / 6P
Schottky Rectifier, 6 A
27-Jun-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com