Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE11560LA Datasheet (PDF) - ACE Technology Co., LTD.

ACE11560LA Datasheet PDF - ACE Technology Co., LTD.
Part # ACE11560LA
Download  ACE11560LA Download
File Size   233.11 Kbytes
Page   3 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 60V N-Channel Power MOSFET

ACE11560LA Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE11560LA Datasheet PDF - ACE Technology Co., LTD.

Part # ACE11560LA
Download  ACE11560LA Click to download

File Size   233.11 Kbytes
Page   3 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 60V N-Channel Power MOSFET

ACE11560LA Datasheet (HTML) - ACE Technology Co., LTD.


ACE11560LA Product details

Description
The ACE11560LA uses advanced trench technology to provide excellent RDS(ON), low gate charge. It
can be used in a wide variety of applications.

Features
⚫ VDS = 60V, ID = 50A
⚫ RDS(ON) < 15mΩ @ VGS=10V
⚫ RDS(ON) < 18mΩ @ VGS=4.5V
⚫ High density cell design for lower RDS(ON)
⚫ Fully characterized avalanche voltage and current
⚫ Good stability and uniformity with high EAS
⚫ Excellent package for good heat dissipation

Applications
⚫ Power switching application
⚫ Hard switched and High frequency circuits
⚫ Uninterruptible power supply




Similar Part No. - ACE11560LA

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
ACE11560LAYMH WURTH-ACE11560LAYMH Datasheet
186Kb / 2P
Flexible ferrite absorber platte
ACE11560LAZMH WURTH-ACE11560LAZMH Datasheet
186Kb / 2P
Flexible ferrite absorber platte
More results


Similar Description - ACE11560LA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06 Datasheet
71Kb / 4P
60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM100N06 TSC-TSM100N06 Datasheet
611Kb / 6P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
Guangdong Youtai Semico...
25N06 UMW-25N06 Datasheet
780Kb / 8P
60V N-Channel Power Mosfet
35N06 UMW-35N06 Datasheet
781Kb / 8P
60V N-Channel Power Mosfet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com