Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY396P Datasheet (PDF) - Vishay Siliconix

BY396P Datasheet PDF - Vishay Siliconix
Part # BY396P
Download  BY396P Download
File Size   79.37 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Soft Recovery Fast Switching Plastic Rectifier

BY396P Datasheet (PDF)

Go To PDF Page Download Datasheet
BY396P Datasheet PDF - Vishay Siliconix

Part # BY396P
Download  BY396P Click to download

File Size   79.37 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Soft Recovery Fast Switching Plastic Rectifier

BY396P Datasheet (HTML) - Vishay Siliconix


BY396P Product details

FEATURES
• Fast switching for high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in fast switching rectification of power supply,
inverters, converters and freewheeling diodes for consumer
and telecommunication.
Note
• These devices are not AEC-Q101 qualified.

MECHANICAL DATA
Case: DO-201AD, molded epoxy body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end




Similar Part No. - BY396P

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY396P GE-BY396P Datasheet
42Kb / 2P
SOFT RECOVER FAST - SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Oct-09
More results


Similar Description - BY396P

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BY396 TRSYS-BY396 Datasheet
139Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
BY500-50 GOOD-ARK-BY500-50 Datasheet
157Kb / 2P
SOFT RECOVERY FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
BY396 PANJIT-BY396_04 Datasheet
36Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
BY396 PANJIT-BY396_09 Datasheet
67Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
MR850 PANJIT-MR850_09 Datasheet
67Kb / 2P
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BY396P VISHAY-BY396P Datasheet
68Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Oct-09
BY500-100 VISHAY-BY500-100 Datasheet
70Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Luguang Electr...
BY500-50 LUGUANG-BY500-50 Datasheet
369Kb / 2P
Soft Recovery Fast Switching Plastic Rectifier
BY500-1000 LUGUANG-BY500-1000 Datasheet
1Mb / 2P
Soft Recovery Fast Switching Plastic Rectifier
logo
Vishay Siliconix
BY500-100 VISHAY-BY500-100_V01 Datasheet
74Kb / 4P
Soft Recovery Fast Switching Plastic Rectifier
26-Jul-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com