Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCSP0530TR Datasheet (PDF) - Vishay Siliconix

FCSP0530TR Datasheet PDF - Vishay Siliconix
Part # FCSP0530TR
Download  FCSP0530TR Download
File Size   102.7 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FlipKY® Chip Scale Package Schottky Barrier Rectifier, 0.5 A

FCSP0530TR Datasheet (PDF)

Go To PDF Page Download Datasheet
FCSP0530TR Datasheet PDF - Vishay Siliconix

Part # FCSP0530TR
Download  FCSP0530TR Click to download

File Size   102.7 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FlipKY® Chip Scale Package Schottky Barrier Rectifier, 0.5 A

FCSP0530TR Datasheet (HTML) - Vishay Siliconix


FCSP0530TR Product details

FEATURES
• Ultra low VF to footprint area
• Very low profile (< 0.6 mm)
• Low thermal resistance
• Supplied tested and on tape and reel

APPLICATIONS
• Reverse polarity protection
• Current steering
• Freewheeling
• Flyback
• Oring

DESCRIPTION
Vishay's FlipKY® product family utilizes wafer level
chip scale packaging to deliver Schottky diodes with the
lowest VF to PCB footprint area in industry. The three pad
0.9 mm x 1.2 mm devices can deliver up to 0.5 A and occupy
only 1.08 mm2 of board space. The anode and cathode
connections are made through solder bump pads on one
side of the silicon enabling designers to strategically place
the diodes on the PCB. This design not only minimizes board
space but also reduces thermal resistance and inductance,
which can improve overall circuit efficiency.
Typical applications include hand-held, portable equipment
such as cell phones, MP3 players, bluetooth, GPS, PDAs,
and portable hard disk drives where space savings and
performance are crucial.




Similar Part No. - FCSP0530TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP0530TR VISHAY-FCSP0530TR Datasheet
94Kb / 5P
Chip Scale Package Schottky Barrier Rectifier, 0.5 A
22-Aug-07
More results


Similar Description - FCSP0530TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FCSP1H40LTR VISHAY-FCSP1H40LTR_11 Datasheet
114Kb / 6P
FlipKY,1 A Chip Scale Package Schottky Barrier Rectifier
04-Jul-11
FCSP2H40LTR VISHAY-FCSP2H40LTR_11 Datasheet
121Kb / 6P
FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
04-Jul-11
FCSP05H40TR VISHAY-FCSP05H40TR_11 Datasheet
116Kb / 6P
FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.5 A
04-Jul-11
FCSP07H40TR VISHAY-FCSP07H40TR_11 Datasheet
118Kb / 6P
FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.75 A
04-Jul-11
FCSP130LTR VISHAY-FCSP130LTR_11 Datasheet
115Kb / 6P
FlipKY, 1 A Chip Scale Package Schottky Barrier Rectifier
04-Jul-11
FCSP140LTR VISHAY-FCSP140LTR_11 Datasheet
117Kb / 6P
FlipKY, 1 A Chip Scale Package Schottky Barrier Rectifier
04-Jul-11
FCSP230LTR VISHAY-FCSP230LTR_11 Datasheet
119Kb / 6P
FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
04-Jul-11
FCSP240LTR VISHAY-FCSP240LTR_11 Datasheet
121Kb / 6P
FlipKY, 1.5 A Chip Scale Package Schottky Barrier Rectifier
08-Jun-11
FCSP0730TR VISHAY-FCSP0730TR_11 Datasheet
112Kb / 6P
FlipKY, Chip Scale Package Schottky Barrier Rectifier, 0.75 A
04-Jul-11
VS-FCSP05H40TR VISHAY-VS-FCSP05H40TR Datasheet
118Kb / 6P
FlipKY® , Chip Scale Package Schottky Barrier Rectifier, 0.5 A
04-Jul-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com