Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL41Y Datasheet (PDF) - Vishay Siliconix

GL41Y Datasheet PDF - Vishay Siliconix
Part # GL41Y
Download  GL41Y Download
File Size   85.04 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Glass Passivated Junction Rectifier

GL41Y Datasheet (PDF)

Go To PDF Page Download Datasheet
GL41Y Datasheet PDF - Vishay Siliconix

Part # GL41Y
Download  GL41Y Click to download

File Size   85.04 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Glass Passivated Junction Rectifier

GL41Y Datasheet (HTML) - Vishay Siliconix


GL41Y Product details

FEATURES
• Superectifier structure for high reliability condition
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• Meets environmental standard MIL-S-19500
• Meets MSL level 1, per J-STD-020, LF maximum peak of
250 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters and freewheeling diodes for consumer,
automotive and telecommunication.

MECHANICAL DATA
Case: DO-213AB, molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Two bands indicate cathode end - 1st band
denotes device type and 2nd band denotes repetitive peak
reverse voltage rating




Similar Part No. - GL41Y

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GL41Y GE-GL41Y Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GL41Y VISHAY-GL41Y Datasheet
112Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
07-Apr-08
GL41Y VISHAY-GL41Y Datasheet
87Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
15-Mar-11
logo
Shenzhen Luguang Electr...
GL41Y LUGUANG-GL41Y Datasheet
300Kb / 2P
Surface Mount Rectifiers
logo
Vishay Siliconix
GL41Y VISHAY-GL41Y Datasheet
101Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
More results


Similar Description - GL41Y

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zowie Technology Corpor...
BYD17Z ZOWIE-BYD17Z Datasheet
83Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GL1X GOOD-ARK-GL1X_15 Datasheet
191Kb / 3P
Surface Mount Glass Passivated Junction Rectifier
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
Surface-Mount Glass Passivated Junction Rectifier
18-May-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com