Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT10202C Datasheet (PDF) - Vishay Siliconix

VT10202C Datasheet PDF - Vishay Siliconix
Part # VT10202C
Download  VT10202C Download
File Size   159.73 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High Voltage Trench MOS Barrier Schottky Rectifier

VT10202C Datasheet (PDF)

Go To PDF Page Download Datasheet
VT10202C Datasheet PDF - Vishay Siliconix

Part # VT10202C
Download  VT10202C Click to download

File Size   159.73 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High Voltage Trench MOS Barrier Schottky Rectifier

VT10202C Datasheet (HTML) - Vishay Siliconix


VT10202C Product details

FEATURES
• Trench MOS Schottky technology Gen 2
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s,
per JESD 22-B106 (for TO-220AB, ITO-220AB, and
TO-262AA package)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.

MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-263AB, and TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs max.




Similar Part No. - VT10202C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT10202C VISHAY-VT10202C Datasheet
159Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
12-Jan-17
VT10202C-M3 VISHAY-VT10202C-M3 Datasheet
149Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
24-Apr-14
VT10202C-M3/4W VISHAY-VT10202C-M3/4W Datasheet
159Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
12-Jan-17
VT10202C-M3 VISHAY-VT10202C-M3_15 Datasheet
138Kb / 5P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
24-Apr-14
More results


Similar Description - VT10202C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30200C VISHAY-V30200C_09 Datasheet
160Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V40100C VISHAY-V40100C_11 Datasheet
140Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V40100G VISHAY-V40100G_11 Datasheet
131Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V40150C VISHAY-V40150C_09 Datasheet
162Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V50100PW VISHAY-V50100PW Datasheet
84Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Feb-10
VF30120C VISHAY-VF30120C_10 Datasheet
78Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
VF40150C VISHAY-VF40150C_10 Datasheet
79Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
V30100PW-M3 VISHAY-V30100PW-M3 Datasheet
77Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
09-Feb-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com