Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT2045CBP Datasheet (PDF) - Vishay Siliconix

VT2045CBP Datasheet PDF - Vishay Siliconix
Part # VT2045CBP_V01
Download  VT2045CBP Download
File Size   136.68 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection

VT2045CBP Datasheet (PDF)

Go To PDF Page Download Datasheet
VT2045CBP Datasheet PDF - Vishay Siliconix

Part # VT2045CBP_V01
Download  VT2045CBP Click to download

File Size   136.68 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection

VT2045CBP Datasheet (HTML) - Vishay Siliconix


VT2045CBP Product details

FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• TJ 200 °C max. in solar bypass mode application
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in solar cell junction box as a bypass diode for
protection, using DC forward current without reverse bias.

MECHANICAL DATA
Case: TO-220AB, TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - VT2045CBP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT2045CBP-M3-4W VISHAY-VT2045CBP-M3-4W Datasheet
122Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
26-Oct-10
VT2045CBP-M3-4W VISHAY-VT2045CBP-M3-4W Datasheet
131Kb / 4P
Trench MOS Barrier Schottky Rectifier
22-May-12
VT2045CBP VISHAY-VT2045CBP_12 Datasheet
131Kb / 4P
Trench MOS Barrier Schottky Rectifier
22-May-12
More results


Similar Description - VT2045CBP_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT4045BP VISHAY-VBT4045BP Datasheet
92Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
VFT3045BP VISHAY-VFT3045BP Datasheet
84Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
VT4045BP VISHAY-VT4045BP Datasheet
115Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
23-Feb-12
V30DL45BP VISHAY-V30DL45BP_15 Datasheet
115Kb / 5P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
18-Mar-14
VBT3045CBP-M3 VISHAY-VBT3045CBP-M3_15 Datasheet
85Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
30-Apr-13
VFT3045CBP VISHAY-VFT3045CBP_15 Datasheet
83Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
20-Aug-15
VT6045CBP VISHAY-VT6045CBP_15 Datasheet
126Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
20-Aug-15
VFT4045BP VISHAY-VFT4045BP_V01 Datasheet
137Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
19-Mar-18
VBT1045BP-M3 VISHAY-VBT1045BP-M3_V01 Datasheet
87Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection
30-Apr-13
VBT2045CBP-M3 VISHAY-VBT2045CBP-M3_V01 Datasheet
104Kb / 4P
Trench MOS Barrier Schottky Rectifier for PV Solar Cell Bypass Protection Ultra Low VF = 0.33 V at IF = 5.0 A
02-Jul-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com