Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT2045C Datasheet (PDF) - Vishay Siliconix

VT2045C Datasheet PDF - Vishay Siliconix
Part # VT2045C
Download  VT2045C Download
File Size   142.44 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low-Voltage Trench MOS Barrier Schottky Rectifiers

VT2045C Datasheet (PDF)

Go To PDF Page Download Datasheet
VT2045C Datasheet PDF - Vishay Siliconix

Part # VT2045C
Download  VT2045C Click to download

File Size   142.44 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low-Voltage Trench MOS Barrier Schottky Rectifiers

VT2045C Datasheet (HTML) - Vishay Siliconix


VT2045C Product details

FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.

MECHANICAL DATA
Case: TO-220AB and TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - VT2045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT2045C VISHAY-VT2045C Datasheet
124Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
30-Nov-10
VT2045C VISHAY-VT2045C Datasheet
132Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
logo
Inchange Semiconductor ...
VT2045C ISC-VT2045C Datasheet
249Kb / 2P
Schottky Barrier Rectifier
logo
Vishay Siliconix
VT2045C-M3 VISHAY-VT2045C-M3 Datasheet
131Kb / 6P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
21-Nov-13
VT2045C-M3-4W VISHAY-VT2045C-M3-4W Datasheet
132Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
More results


Similar Description - VT2045C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT3045C VISHAY-VT3045C Datasheet
125Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
VT4045C VISHAY-VT4045C Datasheet
125Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
VT6045C VISHAY-VT6045C Datasheet
125Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
30-Nov-10
VFT2045C-M3 VISHAY-VFT2045C-M3 Datasheet
80Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
22-Nov-13
VT2045C-M3 VISHAY-VT2045C-M3 Datasheet
131Kb / 6P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
21-Nov-13
VFT4045C-M3 VISHAY-VFT4045C-M3 Datasheet
85Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
22-Nov-13
VT6045C VISHAY-VT6045C_15 Datasheet
135Kb / 6P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V10D45C VISHAY-V10D45C Datasheet
123Kb / 6P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
09-Dec-13
V30D45C VISHAY-V30D45C_15 Datasheet
119Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
06-May-15
VT6045C-M3 VISHAY-VT6045C-M3_15 Datasheet
128Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier
22-Nov-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com