Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EK42 Datasheet (PDF) - Cirrus Logic

EK42 Datasheet PDF - Cirrus Logic
Part # EK42
Download  EK42 Download
File Size   130.28 Kbytes
Page   1 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description EVALUATION KIT FOR PB50/PB58 POWER BOOSTERS

EK42 Datasheet (PDF)

Go To PDF Page Download Datasheet
EK42 Datasheet PDF - Cirrus Logic

Part # EK42
Download  EK42 Click to download

File Size   130.28 Kbytes
Page   1 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description EVALUATION KIT FOR PB50/PB58 POWER BOOSTERS

EK42 Datasheet (HTML) - Cirrus Logic




Similar Part No. - EK42

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42020-02 PSEMI-EK42020-02 Datasheet
1Mb / 25P
UltraCMOS True DC RF Switch, 0 Hz??000 MHz
EK423422-01 PSEMI-EK423422-01 Datasheet
366Kb / 13P
UltraCMOS SPDT RF Switch 100??000 MHz
EK423641-01 PSEMI-EK423641-01 Datasheet
340Kb / 11P
UltraCMOS SP4T RF Switch 50??000 MHz
EK42412-02 PSEMI-EK42412-02 Datasheet
1Mb / 25P
SP12T RF Switch, 10 MHz?? GHz
EK42420-03 PSEMI-EK42420-03 Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100.6000 MHz
More results


Similar Description - EK42

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK13 APEX-EK13 Datasheet
166Kb / 2P
EVALUATION KIT FOR PA241DF
EK22 APEX-EK22 Datasheet
526Kb / 5P
EVALUATION KIT FOR PA94/PA95
EK28 APEX-EK28 Datasheet
157Kb / 2P
EVALUATION KIT FOR PA97
EK29 APEX-EK29 Datasheet
249Kb / 3P
POWER BOOSTER EVALUATION KIT
EK34 APEX-EK34 Datasheet
200Kb / 2P
EVALUATION KIT FOR PA240CX
EK50 APEX-EK50 Datasheet
138Kb / 2P
EVALUATION KIT FOR PB50/PB58 POWER BOOSTERS
EK54 APEX-EK54 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA60DK
EK55 APEX-EK55 Datasheet
270Kb / 2P
EVALUATION KIT FOR PA62DK
EK-SA50 APEX-EK-SA50 Datasheet
144Kb / 1P
EVALUATION KIT FOR SA50
EK-SA51 APEX-EK-SA51 Datasheet
141Kb / 1P
EVALUATION KIT FOR SA51
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com