Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE14614B Datasheet (PDF) - ACE Technology Co., LTD.

ACE14614B Datasheet PDF - ACE Technology Co., LTD.
Part # ACE14614B
Download  ACE14614B Download
File Size   208.39 Kbytes
Page   3 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 60V Complementary Enhancement Mode Power MOSFET

ACE14614B Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE14614B Datasheet PDF - ACE Technology Co., LTD.

Part # ACE14614B
Download  ACE14614B Click to download

File Size   208.39 Kbytes
Page   3 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 60V Complementary Enhancement Mode Power MOSFET

ACE14614B Datasheet (HTML) - ACE Technology Co., LTD.


ACE14614B Product details

Description
⚫ used in inverter
⚫ other applications

Features
N-Channel
⚫ VDS= 60V
⚫ ID=5.2A
⚫ RDS(ON)@VGS= 10V, TYP 27 mΩ
⚫ RDS(ON)@VGS= 4.5V, TYP 34 mΩ
P-Channel
⚫ VDS= -60V
⚫ ID=-4.2A
⚫ RDS(ON)@VGS= -10V, TYP 50 mΩ
⚫ RDS(ON)@VGS= -4.5V, TYP 62 mΩ




Similar Part No. - ACE14614B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE140P68B ACE-ACE140P68B Datasheet
219Kb / 3P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE140P68BYMH ACE-ACE140P68BYMH Datasheet
219Kb / 3P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201B ACE-ACE14201B Datasheet
752Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201T ACE-ACE14201T Datasheet
522Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE1420M ACE-ACE1420M Datasheet
486Kb / 7P
N-Channel 20-V MOSFET
VER 1.1
More results


Similar Description - ACE14614B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC4559DN8 ZETEX-ZXMC4559DN8 Datasheet
282Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
ZXMC6A09DN8 ZETEX-ZXMC6A09DN8 Datasheet
290Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMC6A09DN8 DIODES-ZXMC6A09DN8 Datasheet
282Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
MAY 2005
ZXMC4559DN8 DIODES-ZXMC4559DN8 Datasheet
292Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
MAY 2005
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
MAY 2005
ZXMC4559DN8 DIODES-ZXMC4559DN8_15 Datasheet
410Kb / 11P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
Rev 7
ZXMC6A09DN8 DIODES-ZXMC6A09DN8_15 Datasheet
282Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
MAY 2005
DMC6040SSDQ DIODES-DMC6040SSDQ Datasheet
592Kb / 9P
60V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
logo
ACE Technology Co., LTD...
ACE114614B ACE-ACE114614B Datasheet
214Kb / 3P
60V Complementary Enhancement Mode Power MOSFET
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com