Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE18205S Datasheet (PDF) - ACE Technology Co., LTD.

ACE18205S Datasheet PDF - ACE Technology Co., LTD.
Part # ACE18205S
Download  ACE18205S Download
File Size   186.46 Kbytes
Page   2 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Dual N-Channel Enhancement Mode Field Effect Transistor

ACE18205S Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE18205S Datasheet PDF - ACE Technology Co., LTD.

Part # ACE18205S
Download  ACE18205S Click to download

File Size   186.46 Kbytes
Page   2 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description Dual N-Channel Enhancement Mode Field Effect Transistor

ACE18205S Datasheet (HTML) - ACE Technology Co., LTD.


ACE18205S Product details

Description
The ACE18205S uses advanced trench technology to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This device is suitable for use as a Battery protection or in
other Switching application. It is ESD protected.
ACE18205S is electrically identical.
RoHS Compliant.

Features
• VDS (V) = 20V, ID = 4 A
RDS(ON)< 37mΩ (VGS = 2.5V)
RDS(ON)< 27mΩ (VGS = 4.5V)
• High power and current handing capability
• Lead free product is acquired
• Surface mount package

Applications
• Battery protection
• Load switch
• Power management




Similar Part No. - ACE18205S

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1820B ACE-ACE1820B Datasheet
968Kb / 6P
N-Channel Enhancement Mode Power MOSFET
VER 1.1
More results


Similar Description - ACE18205S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com