Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE51117C Datasheet (PDF) - ACE Technology Co., LTD.

ACE51117C Datasheet PDF - ACE Technology Co., LTD.
Part # ACE51117C
Download  ACE51117C Download
File Size   202.93 Kbytes
Page   3 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 800mA Bipolar Linear Regulator

ACE51117C Datasheet (PDF)

Go To PDF Page Download Datasheet
ACE51117C Datasheet PDF - ACE Technology Co., LTD.

Part # ACE51117C
Download  ACE51117C Click to download

File Size   202.93 Kbytes
Page   3 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 800mA Bipolar Linear Regulator

ACE51117C Datasheet (HTML) - ACE Technology Co., LTD.


ACE51117C Product details

Description
ACE51117C is a series of low dropout three-terminal regulators with a dropout of 1.3V at 800mA load
current. ACE51117C features a low standby current 2mA.
Other than a fixed version (Vout = 1.2V, 1.8V, 2.5V, 3.3V and 5V), ACE51117C has an adjustable version,
which can provide an output voltage from 1.25 to 5V with only two external resistors.
ACE51117C offers thermal shut down and current limit functions, to assure stability of chip and power
system. Trimming technique is used to guarantee output voltage accuracy within ±2%. Other output
voltage accuracy such as ±1% can be customized on demand.
ACE51117C is available in SOT89-3 power packages.

Features
⚫ Other than a fixed version and an adjustable version, output value can be customized on demand.
⚫ Maximum output current is 800mA
⚫ Range of operation input voltage: 12V
⚫ Standby current: 2mA (typ.)
⚫ Line regulation: 0.1%/V (typ.)
⚫ Load regulation: 10mV (typ.)
⚫ Environment Temperature: -40 OC ~85 OC
⚫ Compatible with tantalum capacitor, electrolytic capacitor and MLCC.

Application
⚫ Power Management for Computer Mother Board, Graphic Card
⚫ LCD Monitor and LCD TV
⚫ DVD Decode Board
⚫ ADSL Modem
⚫ Post Regulators for Switching Supplies




Similar Part No. - ACE51117C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511115AM+H ACE-ACE511115AM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511115BM+H ACE-ACE511115BM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511118AM+H ACE-ACE511118AM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511118BM+H ACE-ACE511118BM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
ACE511125AM+H ACE-ACE511125AM+H Datasheet
345Kb / 8P
500mA LDO Linear Voltage Regulator
VER 1.2
More results


Similar Description - ACE51117C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
800mA Low-Dropout Linear Regulator
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
800mA Low-Dropout Linear Regulator
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
800mA Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
logo
SHIKUES Electronics
SK1117A SKTECHNOLGY-SK1117A Datasheet
2Mb / 6P
800mA Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com