Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEH25D200G Datasheet (PDF) - ACE Technology Co., LTD.

ACEH25D200G Datasheet PDF - ACE Technology Co., LTD.
Part # ACEH25D200G
Download  ACEH25D200G Download
File Size   107.15 Kbytes
Page   3 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 2M BIT SPI NOR FLASH

ACEH25D200G Datasheet (PDF)

Go To PDF Page Download Datasheet
ACEH25D200G Datasheet PDF - ACE Technology Co., LTD.

Part # ACEH25D200G
Download  ACEH25D200G Click to download

File Size   107.15 Kbytes
Page   3 Pages
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.
Description 2M BIT SPI NOR FLASH

ACEH25D200G Datasheet (HTML) - ACE Technology Co., LTD.


ACEH25D200G Product details

Description
The ACEH25D200G is 2M-bit Serial Peripheral Interface (SPI) Flash memory, and supports the Dual SPI:
Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO). The Dual Output data is transferred with speed of
108Mbits/s. The device uses a single low voltage power supply, ranging from 2.7 Volt to 3.6 Volt.
Additionally, the device supports JEDEC standard manufacturer and device ID.
In order to meet environmental requirements, offers an 8-pad USON 3x2-mm packages.
Features
⚫ Serial Peripheral Interface (SPI)
Standard SPI: SCLK, /CS, SI, SO, /WP
Dual SPI: SCLK, /CS, IO0, IO1, /WP
⚫ Read
Normal Read (Serial): 55MHz clock rate
Fast Read (Serial): 108MHz clock rate
Dual Read: 108MHz clock rate
⚫ Program
Serial-input Page Program up to 256bytes
⚫ Erase
Block erases (64/32 KB)
Sector erases (4 KB)
Chip erase
⚫ Program/Erase Speed
Page Program time: 0.7ms typical
Sector Erase time: 100ms typical
Block Erase time: 0.3/0.5s typical
Chip Erase time: 3 typical
⚫ Flexible Architecture
Sector of 4K-byte
Block of 32/64K-byte
⚫ Low Power Consumption
20mA maximum active current
5uA maximum power down current
⚫ Software/Hardware Write Protection
Enable/Disable protection with WP Pin
Write protect all/portion of memory via software
Top or Bottom, Sector or Block selection
⚫ Single Supply Voltage
Full voltage range: 2.7~3.6V
⚫ Temperature Range
Industrial (-40℃ to +85℃)
⚫ Cycling Endurance/Data Retention
Typical 100k Program-Erase cycles on any sector
Typical 20-year data retention
⚫ Advanced Feature
64 bits Unique ID for each device




Similar Part No. - ACEH25D200G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACEH25D100G ACE-ACEH25D100G Datasheet
112Kb / 3P
1M BIT SPI NOR FLASH
VER 1.1
More results


Similar Description - ACEH25D200G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25Q200G ACE-ACE25Q200G Datasheet
1Mb / 46P
2M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
2M BIT SPI NOR FLASH
VER 1.1
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
16M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
4M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
64M BIT SPI NOR FLASH
VER 1.1
ACE25AC200GL ACE-ACE25AC200GL Datasheet
1Mb / 23P
2M SPI NOR FLASH
VER 1.2
ACE25QA200G ACE-ACE25QA200G Datasheet
1Mb / 30P
2M BIT SPI NOR FLASH
VER 1.2
ACE25QC160G ACE-ACE25QC160G Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
ACE25QC200GL ACE-ACE25QC200GL Datasheet
2Mb / 64P
2M BIT SPI NOR FLASH
VER 1.1
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
128M BIT SPI NOR FLASH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com