Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3051 Datasheet (PDF) - Analog Devices

ADM3051 Datasheet PDF - Analog Devices
Part # ADM3051
Download  ADM3051 Download
File Size   215.07 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed Industrial CAN Transceiver with Bus Protection for 24 V Systems

ADM3051 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3051 Datasheet PDF - Analog Devices

Part # ADM3051
Download  ADM3051 Click to download

File Size   215.07 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed Industrial CAN Transceiver with Bus Protection for 24 V Systems

ADM3051 Datasheet (HTML) - Analog Devices


ADM3051 Product details

GENERAL DESCRIPTION
The ADM3051 is a controller area network (CAN) physical
layer transceiver allowing a protocol layer CAN controller to access the physical layer bus. The ADM3051 complies with the ISO 11898 standard. It is capable of running at data rates up to 1 Mbps. The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations where the
bus may be shorted to ground or power terminals in 24 V bus power systems. The part is fully specified over the industrial
temperature range of −40°C to +125°C and is available in an 8-lead SOIC package.
Three operating modes are available: high speed, slope control, and standby. Pin 8 (RS) is used to select the operating mode.
The low current standby mode can be selected by applying a
logic high to RS. The device can be set to operate with slope control to limit EMI
by connecting RS with a resistor to ground to modify the rise and fall of slopes. This mode facilitates the use of unshielded cables. Alternatively, disabling slope control by connecting RS to ground allows high speed operation. Shielded cables or other measures to control EMI are necessary in this mode.

FEATURES Physical layer CAN transceiver
5 V operation on VCC
Complies with ISO 11898 standard High speed data rates up to 1 Mbps Short-circuit protection on CANH and CANL against shorts to
power/ground in 24 V systems Unpowered nodes do not disturb the bus Connect 110 or more nodes on the bus Slope control for reduced EMI Thermal shutdown protection Low current standby mode
Industrial operating temperature range (−40°C to +125°C) Available in 8-lead SOIC package

APPLICATIONS
CAN data buses
Industrial field networks DeviceNet applications
CanOpen, CanKingdom




Similar Part No. - ADM3051

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3051 AD-ADM3051 Datasheet
271Kb / 16P
High Speed Industrial CAN Transceiver
REV. 0
ADM3051CRZ AD-ADM3051CRZ Datasheet
271Kb / 16P
High Speed Industrial CAN Transceiver
REV. 0
ADM3051CRZ-RL7 AD-ADM3051CRZ-RL7 Datasheet
271Kb / 16P
High Speed Industrial CAN Transceiver
REV. 0
More results


Similar Description - ADM3051

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
CAN transceiver for 24 V systems
2000 Jan 13
logo
STMicroelectronics
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Nov-2000
logo
NXP Semiconductors
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
CAN transceiver for 24 V systems
Rev. 04-28 January 2010
logo
Infineon Technologies A...
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
logo
Analog Devices
ADM3051 AD-ADM3051 Datasheet
271Kb / 16P
High Speed Industrial CAN Transceiver
REV. 0
logo
NXP Semiconductors
PCA82C251N NXP-PCA82C251N Datasheet
119Kb / 17P
CAN transceiver for 24 V systems
Rev. 04-25 August 2011
logo
STMicroelectronics
L9616-TR STMICROELECTRONICS-L9616-TR Datasheet
101Kb / 8P
HIGH SPEED CAN BUS TRANSCEIVER
Sep-2013
logo
NXP Semiconductors
PCA82C251TD-T NXP-PCA82C251TD-T Datasheet
119Kb / 17P
CAN transceiver for 24 V systems
Rev. 04-25 August 2011
logo
Infineon Technologies A...
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com