Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3054 Datasheet (PDF) - Analog Devices

ADM3054 Datasheet PDF - Analog Devices
Part # ADM3054
Download  ADM3054 Download
File Size   446.51 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection

ADM3054 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3054 Datasheet PDF - Analog Devices

Part # ADM3054
Download  ADM3054 Click to download

File Size   446.51 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection

ADM3054 Datasheet (HTML) - Analog Devices


ADM3054 Product details

GENERAL DESCRIPTION
The ADM3054 is a 5 kV rms signal isolated controller area network (CAN) physical layer transceiver. The ADM3054
complies with the ISO 11898 standard.
The device employs Analog Devices, Inc., iCoupler® technology to combine a 3-channel isolator and a CAN transceiver into a single package. The logic side of the device is powered with a
single 3.3 V or 5 V supply on VDD1 and the bus side uses a single
5 V supply on VDD2 only. Loss of power on the bus side (VDD2)
can be detected by an integrated VDD2SENSE signal.
The ADM3054 creates an isolated interface between the CAN protocol controller and the physical layer bus. It is capable of running at data rates of up to 1 Mbps. The device has integrated protection on the bus pins, CANH and CANL against shorts to power/ground in 24 V systems. The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations where the
bus might be shorted to ground or power terminals. The part is fully specified over the industrial temperature range and is
available in a 16-lead, wide-body SOIC package.

FEATURES 5 kV rms signal isolated CAN transceiver 5 V or 3.3 V operation on VDD1
5 V operation on VDD2
VDD2SENSE to detect loss of power on VDD2
Complies with ISO 11898 standard High speed data rates of up to 1 Mbps
Short-circuit protection on CANH and CANL against shorts to
power/ground in 24 V systems Unpowered nodes do not disturb the bus Connect 110 or more nodes on the bus Thermal shutdown protection High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals UL recognition 5000 V rms for 1 minute per UL 1577 VDE Certificates of Conformity DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
VIORM = 846 V peak Industrial operating temperature range: −40°C to +125°C Wide-body, 16-lead SOIC package
Qualified for automotive applications

APPLICATIONS
CAN data buses
Industrial field networks




Similar Part No. - ADM3054

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3054 AD-ADM3054 Datasheet
360Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
REV. 0
ADM3054 AD-ADM3054 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM3054BRWZ AD-ADM3054BRWZ Datasheet
360Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
REV. 0
ADM3054BRWZ-RL7 AD-ADM3054BRWZ-RL7 Datasheet
360Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
REV. 0
More results


Similar Description - ADM3054

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM3054 AD-ADM3054 Datasheet
360Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
REV. 0
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
5 kV rms Signal and Power Isolated
REV. 0
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
8/2020-Rev. A to Rev. B
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
5/2020-Revision 0
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM3050E AD-ADM3050E_V01 Datasheet
417Kb / 19P
5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
Rev. B
ADM3055E AD-ADM3055E_V01 Datasheet
505Kb / 24P
5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
Rev. B
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com