Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3252E Datasheet (PDF) - Analog Devices

ADM3252E Datasheet PDF - Analog Devices
Part # ADM3252E
Download  ADM3252E Download
File Size   435.33 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Dual Channel, RS-232 Line Driver/Receiver

ADM3252E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3252E Datasheet PDF - Analog Devices

Part # ADM3252E
Download  ADM3252E Click to download

File Size   435.33 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Dual Channel, RS-232 Line Driver/Receiver

ADM3252E Datasheet (HTML) - Analog Devices


ADM3252E Product details

GENERAL DESCRIPTION
The ADM3252E is a high speed, 2.5 kV, fully isolated, dual-
channel RS-232/V.28 transceiver device that is operational from a single 3.3 V or 5 V power supply. Because of high ESD protection on the RIN1, RIN2, TOUT1, and TOUT2 pins, the ADM3252E is ideally suited for operation in electrically harsh environments or where
RS-232 cables are frequently plugged and unplugged.
The ADM3252E provides four independent isolation channels
using the integrated and isolated power of isoPower™. There is
no requirement to use a separate isolated dc-to-dc converter. Chip
scale transformer iCoupler® technology from Analog Devices, Inc.,
is used for both the isolation of the logic signals and the integrated
dc-to-dc converter. The result is a total isolation solution.
isoPower technology in the ADM3252E uses high frequency
switching elements to transfer power through its transformer. Special care must be taken during printed circuit board (PCB)
layout to meet emissions standards. Refer to the AN-0971
Application Note, Recommendations for Control of Radiated Emissions with isoPower Devices, for details on board layout
considerations.
The ADM3252E conforms to the EIA/TIA-232E and ITU-T V.28 specifications and operates at data rates of up to 460 kbps. Four
external 0.1 μF charge pump capacitors are used for the voltage
doubler/inverter, permitting operation from a single 3.3 V or 5 V supply. The ADM3252E is available in a 44-ball, chip scale
package ball grid array (CSP_BGA) and is specified over the
−40°C to +85°C temperature range.

FEATURES 2.5 kV fully isolated (power and data) RS-232 transceiver isoPower integrated, isolated dc-to-dc converter Operational from single 3.3 V or 5 V supply
460 kbps data rate 2 × Tx and 2 × Rx channels
Meets EIA/TIA-232E specifications
ESD protection to IEC 61000-4-2 on RINx and TOUTx pins
Contact discharge: ±8 kV
Air gap discharge: ±15 kV 0.1 μF charge pump capacitors
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals (pending) UL recognition
2500 V rms for 1 minute per UL 1577 VDE certificate of conformity IEC 60747-5-2 (VDE 0884, Part 2)
VIORM = 560 V peak CSA Component Acceptance Notice #5A
Operating temperature range: −40°C to +85°C
44-ball chip scale package ball grid array (CSP_BGA)

APPLICATIONS
Isolated RS-232 interface High noise data communications
Industrial communications Industrial/telecommunications diagnostic ports
Medical equipment




Similar Part No. - ADM3252E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM3252EABCZ AD-ADM3252EABCZ Datasheet
352Kb / 16P
Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
More results


Similar Description - ADM3252E

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_1 Datasheet
382Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
ADM3251E_VE AD-ADM3251E_VE Datasheet
272Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. E
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com