Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4650 Datasheet (PDF) - Analog Devices

ADN4650 Datasheet PDF - Analog Devices
Part # ADN4650
Download  ADN4650 Download
File Size   853.06 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators

ADN4650 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4650 Datasheet PDF - Analog Devices

Part # ADN4650
Download  ADN4650 Click to download

File Size   853.06 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators

ADN4650 Datasheet (HTML) - Analog Devices


ADN4650 Product details

GENERAL DESCRIPTION
The ADN4650/ADN4651/ADN46521 are signal isolated, low voltage differential signaling (LVDS) buffers that operate at up to 600 Mbps with very low jitter. The devices integrate Analog Devices, Inc., iCoupler® technology, enhanced for high speed operation, to provide galvanic isolation of the TIA/EIA-644-A compliant LVDS drivers and receivers.
This technology allows drop-in isolation of an LVDS signal chain.
Multiple channel configurations are offered, and the LVDS receivers on the ADN4651/ADN4652 include a fail-safe mechanism to
ensure a Logic 1 on the corresponding LVDS driver output when the inputs are floating, shorted, or terminated, but not
driven.
For high speed operation with low jitter, the LVDS and isolator circuits rely on a 2.5 V supply. An integrated on-chip low dropout
regulator (LDO) can provide the required 2.5 V from an external
3.3 V power supply. The devices are fully specified over a wide
industrial temperature range and are available in a 20-lead, wide body SOIC package with 5 kV rms isolation or a 20-lead
SSOP package with 3.75 kV rms isolation.

FEATURES 5 kV rms/3.75 kV rms LVDS isolator
Complies with TIA/EIA-644-A LVDS standard Multiple dual-channel configurations
Up to 600 Mbps switching with low jitter
4.5 ns maximum propagation delay 151 ps maximum peak-to-peak total jitter at 600 Mbps 100 ps maximum pulse skew 600 ps maximum part to part skew 2.5 V or 3.3 V supplies −75 dBc power supply ripple rejection and glitch immunity ±8 kV IEC 61000-4-2 ESD protection across isolation barrier
High common-mode transient immunity: >25 kV/μs Passes EN55022 Class B radiated emissions limits with
600 Mbps PRBS
Safety and regulatory approvals (20-lead SOIC package)
UL: 5000 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice 5A VDE certificate of conformity DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 VIORM = 424 V peak
Fail-safe output high for open, short, and terminated input conditions (ADN4651/ADN4652)
Operating temperature range: −40°C to +125°C Choice of package and isolation options 3.75 kV rms in highly integrated 20-lead SSOP
5 kV rms in 20-lead SOIC with 7.8 mm creepage/clearance

APPLICATIONS
Analog front-end (AFE) isolation Data plane isolation
Isolated high speed clock and data links
Isolated serial peripheral interface (SPI) over LVDS




Similar Part No. - ADN4650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4650 AD-ADN4650 Datasheet
795Kb / 24P
5 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
REV. B
ADN4650BRWZ AD-ADN4650BRWZ Datasheet
795Kb / 24P
5 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
REV. B
ADN4650BRWZ-RL7 AD-ADN4650BRWZ-RL7 Datasheet
795Kb / 24P
5 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
REV. B
More results


Similar Description - ADN4650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADN4650 AD-ADN4650 Datasheet
795Kb / 24P
5 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
REV. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADN4654 AD-ADN4654_V01 Datasheet
1Mb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
Rev. D
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com