Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN4654 Datasheet (PDF) - Analog Devices

ADN4654 Datasheet PDF - Analog Devices
Part # ADN4654
Download  ADN4654 Download
File Size   1074.46 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators

ADN4654 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN4654 Datasheet PDF - Analog Devices

Part # ADN4654
Download  ADN4654 Click to download

File Size   1074.46 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators

ADN4654 Datasheet (HTML) - Analog Devices


ADN4654 Product details

GENERAL DESCRIPTION
The ADN4654/ADN4655/ADN46561 are signal isolated, low voltage differential signaling (LVDS) buffers that operate at up to 1.1 Gbps with low jitter. The devices integrate Analog Devices, Inc., iCoupler® technology, enhanced for high speed operation to provide galvanic isolation of the TIA/EIA-644-A compliant LVDS drivers and receivers. This integration allows drop-in isolation of an LVDS signal chain. The ADN4654/ADN4655/ADN4656 comprise multiple
channel configurations, and the LVDS receivers on the ADN4655 and ADN4656 include a fail-safe mechanism to ensure a Logic
1 on the corresponding LVDS driver output when the inputs are floating, shorted, or terminated but not driven.
For high speed operation with low jitter, the LVDS and isolator circuits rely on a 2.5 V supply. An integrated on-chip low dropout
(LDO) regulator can provide the required 2.5 V from an external 3.3 V power supply. The devices are fully specified over a wide
industrial temperature range and come in a 20-lead, wide body SOIC_W package with 5 kV rms isolation or in a 20-lead SSOP
package with 3.75 kV rms isolation.

FEATURES 5 kV rms and 3.75 kV rms LVDS isolators
Complies with TIA/EIA-644-A LVDS standard Multiple dual-channel configurations
Any data rate up to 1.1 Gbps switching with low jitter
4 ns typical propagation delay 2.6 ps rms typical random jitter, rms 90 ps typical peak-to-peak total jitter at 1.1 Gbps
2.5 V or 3.3 V supplies −75 dBc power supply ripple rejection, phase spur level Glitch immunity ±8 kV IEC 61000-4-2 ESD protection across isolation barrier
High common-mode transient immunity: >25 kV/μs Passes EN 55022 Class B radiated emissions limits with
1.1 Gbps PRBS
Safety and regulatory approvals (20-lead SOIC_W package)
UL (pending): 5000 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice 5A (pending) VDE certificate of conformity (pending)
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 424 VPEAK
Fail-safe output high for open, short, and terminated input conditions (ADN4655/ADN4656) Operating temperature range: −40°C to +125°C 7.8 mm minimum creepage and clearance

APPLICATIONS
Isolated video and imaging data
Analog front-end isolation
Data plane isolation
Isolated high speed clock and data links




Similar Part No. - ADN4654

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADN4654BRSZ AD-ADN4654BRSZ Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADN4654BRSZ-RL7 AD-ADN4654BRSZ-RL7 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADN4654BRWZ AD-ADN4654BRWZ Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADN4654BRWZ-RL7 AD-ADN4654BRWZ-RL7 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
More results


Similar Description - ADN4654

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADN4650 AD-ADN4650 Datasheet
795Kb / 24P
5 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
REV. B
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADN4654 AD-ADN4654 Datasheet
732Kb / 25P
5 kV RMS and 3.75 kV RMS, Dual-Channel LVDS Gigabit Isolators
6/2019-Rev. B to Rev. C
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
ADN4650 AD-ADN4650_V01 Datasheet
853Kb / 25P
5 kV RMS/3.75 kV RMS, 600 Mbps, Dual-Channel LVDS Isolators
Rev. E
ADN4620 AD-ADN4620 Datasheet
2Mb / 24P
3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolator
Rev. 0
EVAL-ADN4620 AD-EVAL-ADN4620 Datasheet
1Mb / 9P
Evaluating the ADN4620/ADN4621 3.75 kV RMS, Dual-Channel LVDS 2.5 Gigabit Isolators
Rev. 0
ADN4622 AD-ADN4622 Datasheet
3Mb / 27P
5.7 kV rms/1.5 kV rms, Quad-Channel LVDS 2.5 Gigabit Isolators
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com