Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V10D202C Datasheet (PDF) - Vishay Siliconix

V10D202C Datasheet PDF - Vishay Siliconix
Part # V10D202C
Download  V10D202C Download
File Size   126.55 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High-Voltage TMBS짰 (Trench MOS Barrier Schottky) Rectifier

V10D202C Datasheet (PDF)

Go To PDF Page Download Datasheet
V10D202C Datasheet PDF - Vishay Siliconix

Part # V10D202C
Download  V10D202C Click to download

File Size   126.55 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High-Voltage TMBS짰 (Trench MOS Barrier Schottky) Rectifier

V10D202C Datasheet (HTML) - Vishay Siliconix


V10D202C Product details

FEATURES
• Trench MOS Schottky technology generation 2
• Very low profile - typical height of 1.7 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available:
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.
MECHANICAL DATA
Case: SMPD (TO-263AC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base P/NHM3_X - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
(X_denotes revision code e.g. A, B, ...)
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meets JESD 201 class 2 whisker test
Polarity: As marked




Similar Part No. - V10D202C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10D202C VISHAY-V10D202C Datasheet
105Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
10-Feb-15
V10D202C VISHAY-V10D202C_15 Datasheet
94Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
10-Feb-15
More results


Similar Description - V10D202C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30DM100C VISHAY-V30DM100C Datasheet
110Kb / 5P
Dual High-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.49 V at IF = 5.0 A
15-Mar-2019
V41M103C VISHAY-V41M103C Datasheet
147Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.40 V at IF = 5 A
22-Dec-2020
V41103C VISHAY-V41103C Datasheet
147Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.36 V at IF = 5 A
22-Dec-2020
VX60M60C VISHAY-VX60M60C Datasheet
127Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.33 V at IF = 5.0 A
26-Oct-2020
VX60M100PW VISHAY-VX60M100PW Datasheet
132Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.39 V at IF = 5.0 A
29-Jul-2020
VX80M60PW VISHAY-VX80M60PW Datasheet
126Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.37 V at IF = 10 A
26-Oct-2020
VX80M100PW VISHAY-VX80M100PW Datasheet
132Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.44 V at IF = 10 A
29-Jul-2020
VX4045C VISHAY-VX4045C Datasheet
118Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.30 V at IF = 5.0 A
26-Oct-2020
VX4060C VISHAY-VX4060C Datasheet
127Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.31 V at IF = 5.0 A
26-Oct-2020
VX6045PW VISHAY-VX6045PW Datasheet
125Kb / 5P
Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.27 V at IF = 5.0 A
19-Oct-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com