Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV13005 Datasheet (PDF) - Avic Technology

AV13005 Datasheet PDF - Avic Technology
Part # AV13005
Download  AV13005 Download
File Size   149.33 Kbytes
Page   2 Pages
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology
Description TO-220 NPN SILICON POWER TRANSISTOR

AV13005 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV13005 Datasheet PDF - Avic Technology

Part # AV13005
Download  AV13005 Click to download

File Size   149.33 Kbytes
Page   2 Pages
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology
Description TO-220 NPN SILICON POWER TRANSISTOR

AV13005 Datasheet (HTML) - Avic Technology


AV13005 Product details

TRANSISTOR(NPN)

FEATURES
  Power dissipation
     PCM : 1.5 W(Tamb=25℃)
  Collector current
     ICM : 4.0 A
  Collector-base voltage
     V(BR)CBO : 700 V
  Operating and storage junction temperature range
     TJ,Tstg: -55℃ to +150℃




Similar Part No. - AV13005

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV13001 AVICTEK-AV13001 Datasheet
28Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
AV13003 AVICTEK-AV13003 Datasheet
161Kb / 3P
TO-126 Triple Diffused NPN Transistor
AV13007 AVICTEK-AV13007 Datasheet
397Kb / 3P
TO-220 Plastic-Encapsulate Transistors
More results


Similar Description - AV13005

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TIP120 RECTRON-TIP120 Datasheet
311Kb / 4P
TO-220 DARLING TRANSISTOR (NPN)
logo
Central Semiconductor C...
MJE13005 CENTRAL-MJE13005 Datasheet
120Kb / 2P
NPN SILICON POWER TRANSISTOR JEDEC TO-220 CASE
logo
Foshan Blue Rocket Elec...
BU406M FOSHAN-BU406M Datasheet
1,011Kb / 7P
Silicon NPN transistor in a TO-220 Plastic Package.
D44H11 FOSHAN-D44H11 Datasheet
859Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
KSD526 FOSHAN-KSD526 Datasheet
923Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
MJE3055T FOSHAN-MJE3055T Datasheet
939Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
TIP31B FOSHAN-TIP31B Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
TIP31C FOSHAN-TIP31C Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
TIP41A FOSHAN-TIP41A Datasheet
1,022Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
2SC2344 FOSHAN-2SC2344 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
More results




About Avic Technology


AVIC Technology Corporation is a subsidiary of Aviation Industry Corporation of China (AVIC), which is a state-owned aerospace and defense company. AVIC Technology is primarily focused on providing solutions in the areas of avionics, airborne equipment, and related systems.

AVIC Technology offers a wide range of products and services, including airborne equipment and systems, avionics systems, satellite navigation, and communication systems. The company also provides services such as system integration, engineering design, and technical support.

AVIC Technology's products and services are used in a variety of applications, including civil aviation, military aviation, and space exploration. The company has partnerships with many leading aerospace and defense companies around the world, and it has a strong presence in both domestic and international markets.

Overall, AVIC Technology is a major player in the global aerospace and defense industry, with a focus on innovation and technology development to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com