Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1AM Datasheet (PDF) - Avic Technology

1AM Datasheet PDF - Avic Technology
Part # 1AM
Download  1AM Download
File Size   40.72 Kbytes
Page   1 Pages
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology
Description SOT-23 Plastic-Encapsulate Transistors

1AM Datasheet (PDF)

Go To PDF Page Download Datasheet
1AM Datasheet PDF - Avic Technology

Part # 1AM
Download  1AM Click to download

File Size   40.72 Kbytes
Page   1 Pages
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology
Description SOT-23 Plastic-Encapsulate Transistors

1AM Datasheet (HTML) - Avic Technology


1AM Product details

TRANSISTOR (NPN)

FEATURES
   Power dissipation
      PCM: 0.2 W (Tamb=25℃)
   Collector current
      ICM: 0.2 A
   Collector-base voltage
      V(BR)CBO: 60 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃





Similar Description - 1AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results




About Avic Technology


AVIC Technology Corporation is a subsidiary of Aviation Industry Corporation of China (AVIC), which is a state-owned aerospace and defense company. AVIC Technology is primarily focused on providing solutions in the areas of avionics, airborne equipment, and related systems.

AVIC Technology offers a wide range of products and services, including airborne equipment and systems, avionics systems, satellite navigation, and communication systems. The company also provides services such as system integration, engineering design, and technical support.

AVIC Technology's products and services are used in a variety of applications, including civil aviation, military aviation, and space exploration. The company has partnerships with many leading aerospace and defense companies around the world, and it has a strong presence in both domestic and international markets.

Overall, AVIC Technology is a major player in the global aerospace and defense industry, with a focus on innovation and technology development to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com