Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLFB3C7 Datasheet (PDF) - OPTEK Technologies

OVLFB3C7 Datasheet PDF - OPTEK Technologies
Part # OVLFB3C7
Download  OVLFB3C7 Download
File Size   1104.69 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Round Blue Through-hole LED Lamp (5 mm)

OVLFB3C7 Datasheet (PDF)

Go To PDF Page Download Datasheet
OVLFB3C7 Datasheet PDF - OPTEK Technologies

Part # OVLFB3C7
Download  OVLFB3C7 Click to download

File Size   1104.69 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Round Blue Through-hole LED Lamp (5 mm)

OVLFB3C7 Datasheet (HTML) - OPTEK Technologies


OVLFB3C7 Product details

The OVLFB3C7 is a high-intensity InGaN LED mounted in a clear plastic T-1¾ package. Its UV-resistant epoxy lens makes this device an optimal solution for outdoor applications. This LED provides a well-defined and even emission pattern.

OVLFB3C7
● High brightness with well-defined spatial radiation patterns
● UV-resistant epoxy lens
● Blue (470 nm)

Applications
● Traffic and pedestrian signals
● Signage and architectural lighting
● Backlighting
● Automotive




Similar Part No. - OVLFB3C7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
712Kb / 8P
Round Through-Hole LED Lamp
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
1Mb / 8P
Round Through-Hole LED Lamp (5 mm)
08/2017
More results


Similar Description - OVLFB3C7

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLBB4C7 OPTEK-OVLBB4C7 Datasheet
1Mb / 5P
Round Blue Through-hole LED Lamp (3mm)
OVLBR4C7 OPTEK-OVLBR4C7 Datasheet
1Mb / 5P
Round Red Through-hole LED Lamp (3mm)
OVLBY4C7 OPTEK-OVLBY4C7 Datasheet
1Mb / 5P
Round Yellow Through-hole LED Lamp (3mm)
OVLFG3C7 OPTEK-OVLFG3C7 Datasheet
1Mb / 4P
Round Green Through-hole LED Lamp (5 mm)
OVLFR3C7 OPTEK-OVLFR3C7 Datasheet
1Mb / 4P
Round Red Through-hole LED Lamp (5 mm)
OVLFY3C7 OPTEK-OVLFY3C7 Datasheet
1Mb / 4P
Round Yellow Through-hole LED Lamp (5 mm)
logo
Inolux Corporation
INL-5AX30 INOLUX-INL-5AX30 Datasheet
1Mb / 12P
5 mm Through Hole Lamp
logo
TT Electronics.
OVLBB4C7 TTELEC-OVLBB4C7 Datasheet
215Kb / 9P
Round Through-Hole LED Lamp
OVLFB3C7 TTELEC-OVLFB3C7 Datasheet
712Kb / 8P
Round Through-Hole LED Lamp
logo
Broadcom Corporation.
HR5P-N4CA-00000 BOARDCOM-HR5P-N4CA-00000 Datasheet
436Kb / 6P
5-mm Round Infrared LED Lamp
May 22, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com