Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2908CDDB-A1 Datasheet (PDF) - Linear Integrated Systems

LTC2908CDDB-A1 Datasheet PDF - Linear Integrated Systems
Part # LTC2908CDDB-A1
Download  LTC2908CDDB-A1 Download
File Size   165.93 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Precision Six Supply Monitor

LTC2908CDDB-A1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2908CDDB-A1 Datasheet PDF - Linear Integrated Systems

Part # LTC2908CDDB-A1
Download  LTC2908CDDB-A1 Click to download

File Size   165.93 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Precision Six Supply Monitor

LTC2908CDDB-A1 Datasheet (HTML) - Linear Integrated Systems


LTC2908CDDB-A1 Product details

DESCRIPTION
The LTC®2908 is a six input supply monitor for systems requiring a precise and compact monitoring solution for multiple supply voltages. The inputs can be shorted together for monitoring systems with fewer than six supply voltages, and the open drain RST output of two or more LTC2908s can be wired-OR together for monitoring systems with more than six supply voltages. The common reset output remains low until all six inputs have been in compliance for 200ms.

FEATURES
■ Ultralow Voltage Reset: VCC = 0.5V Guaranteed*
■ Monitors Six Inputs Simultaneously:
   5V, 3.3V, 2.5V, 1.8V, ADJ1, ADJ2 (LTC2908-A1)
   3.3V, 2.5V, 1.8V, 1.5V, ADJ1, ADJ2 (LTC2908-B1)
   2.5V, ADJ1, ADJ2, ADJ3, ADJ4, ADJ5 (LTC2908-C1)
■ Guaranteed Threshold Accuracy: ±1.5% of Monitored Voltage Overtemperature
■ Internal VCC Auto Select
■ Power Supply Glitch Immunity
■ 200ms Reset Time Delay
■ Active Low Open-Drain RST Output
■ Low Profi le (1mm) 8-Lead SOT-23 (ThinSOT™) and Plastic (3mm × 2mm) DFN Packages

APPLICATIONS
■ Network Servers
■ Wireless Base Stations
■ Optical Networking Systems
■ Multivoltage Systems
■ Desktop and Notebook Computers




Similar Part No. - LTC2908CDDB-A1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2908CDDB-A1-TRMPBF LINER-LTC2908CDDB-A1-TRMPBF Datasheet
205Kb / 16P
Precision Six Input Supply Monitor
More results


Similar Description - LTC2908CDDB-A1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
Precision Quad Supply and Line Monitor
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
Six-Channel Supply Monitor and Sequencing Controller
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
Precision Six Input Supply Monitor
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
Precision supply-voltage monitor
logo
Linear Technology
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
Precision Six Input Supply Monitor
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Texas Instruments
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
Precision Quad Supply and Line Monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
Precision supply-voltage monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com