Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM3154 Datasheet (PDF) - Analog Devices

ADUM3154 Datasheet PDF - Analog Devices
Part # ADUM3154
Download  ADUM3154 Download
File Size   381.89 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI

ADUM3154 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3154 Datasheet PDF - Analog Devices

Part # ADUM3154
Download  ADUM3154 Click to download

File Size   381.89 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI

ADUM3154 Datasheet (HTML) - Analog Devices


ADUM3154 Product details

GENERAL DESCRIPTION
The ADuM31541 is an SPIsolator™ digital isolator optimized for a serial peripheral interface (SPI) that includes support for up to four slave devices. Based on the Analog Devices, Inc., iCoupler® chip scale transformer technology, the low propagation delay and jitter in the CLK, MO/SI, MI/SO, and SS SPI bus signals support SPI clock rates of up to 17 MHz.
The ADuM3154 isolator also provides a slave select multiplexing system that allows up to four slave devices to be serviced from one isolator. When a target slave is selected, the slave select signal propagates to the desired output with low propagation delay, allowing tight timing control. The isolated SSx is addressed through a 250 kbps low speed, 2-channel address bus, allowing the target slave device to be changed in as little as 2.5 μs.

FEATURES
Supports up to 17 MHz SPI clock speed
4 high speed, low propagation delay, SPI signal isolation channels
Supports up to 4 slave devices
20-lead SSOP package with 5.1 mm creepage
High temperature operation: 125°C
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals
UL recognition per UL 1577
3750 V rms for 1 minute
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 565 V peak

APPLICATIONS
Industrial programmable logic controllers (PLCs)
Sensor isolation




Similar Part No. - ADUM3154

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3154 AD-ADUM3154 Datasheet
412Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
ADUM3154 AD-ADUM3154 Datasheet
415Kb / 21P
3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3154 AD-ADUM3154 Datasheet
447Kb / 21P
5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3154 AD-ADUM3154 Datasheet
410Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADuM3154ARSZ AD-ADuM3154ARSZ Datasheet
412Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
More results


Similar Description - ADUM3154

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3150 AD-ADUM3150 Datasheet
414Kb / 21P
3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
REV. A
ADUM3151 AD-ADUM3151 Datasheet
454Kb / 22P
3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
REV. A
ADUM3154 AD-ADUM3154 Datasheet
412Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
ADUM4151 AD-ADUM4151 Datasheet
447Kb / 22P
5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
REV. A
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
ADUM3150 AD-ADUM3150_V01 Datasheet
415Kb / 21P
3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3151 AD-ADUM3151_V01 Datasheet
421Kb / 22P
3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM4150 AD-ADUM4150_V01 Datasheet
447Kb / 21P
5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM4151 AD-ADUM4151_V01 Datasheet
425Kb / 22P
5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM4154 AD-ADUM4154_V01 Datasheet
410Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com