Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM4070 Datasheet (PDF) - Analog Devices

ADUM4070 Datasheet PDF - Analog Devices
Part # ADUM4070
Download  ADUM4070 Download
File Size   561.28 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Switching Regulator with Integrated Feedback

ADUM4070 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM4070 Datasheet PDF - Analog Devices

Part # ADUM4070
Download  ADUM4070 Click to download

File Size   561.28 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Switching Regulator with Integrated Feedback

ADUM4070 Datasheet (HTML) - Analog Devices


ADUM4070 Product details

GENERAL DESCRIPTION
The ADuM40701 is a regulated dc-to-dc isolated power supply controller with an internal MOSFET driver. The dc-to-dc controller has internal isolated PWM feedback from the secondary side based
on the iCoupler® chip scale transformer technology and complete loop compensation. This architecture eliminates the need to use
an optocoupler for feedback and compensates the loop for stability. The ADuM4070 isolator provides a more stable output voltage and
higher efficiency compared to unregulated isolated dc-to-dc power
supplies. The fully integrated feedback and loop compensation
in a wide-body SOIC package provide a solution with a smaller form factor and 8.3 mm creepage distance.
The regulated feedback provides a relatively flat efficiency curve
over the full output power range. The ADuM4070 enables a dc-to-
dc converter with a 3.3 V to 24 V isolated output voltage range
from either a 5.0 V or a 3.3 V input voltage, with an output power of up to 2.5 W.

FEATURES Isolated PWM feedback with built-in compensation
Primary side transformer driver for up to 2.5 W output power
with 5 V input voltage
Regulated adjustable output: 3.3 V to 24 V Up to 70% efficiency 200 kHz to 1 MHz adjustable oscillator
Soft start function at power-up
Pulse-by-pulse overcurrent protection
Thermal shutdown 5000 V rms isolation
High common-mode transient immunity: >25 kV/μs
16-lead SOIC package with 8.3 mm creepage
High temperature operation: 105°C maximum
Safety and regulatory approvals (pending)
UL recognition: 5000 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice #5A VDE certificate of conformity DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 V peak

APPLICATIONS
Power supply start-up bias and gate drives Isolated sensor interfaces
Process controls




Similar Part No. - ADUM4070

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4070 AD-ADUM4070 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
More results


Similar Description - ADUM4070

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1424-9 LINER-LT1424-9 Datasheet
141Kb / 16P
Isolated Flyback Switching Regulator with 9V Output
LT1424-5 LINER-LT1424-5 Datasheet
195Kb / 16P
Isolated Flyback Switching Regulator with 5V Output
logo
Analog Devices
ADUM3070 AD-ADUM3070 Datasheet
739Kb / 20P
Isolated Switching Regulator
REV. 0
ADUM4470 AD-ADUM4470 Datasheet
750Kb / 36P
Isolated Switching Regulator with Quad-Channel Isolators
REV. 0
logo
Linear Technology
LT1424-5 LINER-LT1424-5_15 Datasheet
201Kb / 16P
Isolated Flyback Switching Regulator with 5V Output
logo
Texas Instruments
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
INTEGRATED SWITCHING REGULATOR
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
Integrated Switching Regulator
logo
Analog Devices
ADUM3070 AD-ADUM3070_V01 Datasheet
763Kb / 20P
Isolated Switching Regulator With Integrated Feedback
Rev. A
ADUM4470 AD-ADUM4470_V01 Datasheet
630Kb / 36P
Isolated Switching Regulator with Quad-Channel Isolators
Rev.A
logo
Kinetic Technologies.
KTB1100 KINETIC-KTB1100 Datasheet
1Mb / 20P
15W Flyback Regulator with Digital Isolator Integrated Feedback
February 2022 - Revision 04b
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com