Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM4135 Datasheet (PDF) - Analog Devices

ADUM4135 Datasheet PDF - Analog Devices
Part # ADUM4135
Download  ADUM4135 Download
File Size   463.43 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp

ADUM4135 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM4135 Datasheet PDF - Analog Devices

Part # ADUM4135
Download  ADUM4135 Click to download

File Size   463.43 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp

ADUM4135 Datasheet (HTML) - Analog Devices


ADUM4135 Product details

GENERAL DESCRIPTION
The ADuM4135 is a single-channel gate driver specifically optimized for driving insulated gate bipolar transistors (IGBTs). Analog Devices, Inc., iCoupler® technology provides isolation between the input signal and the output gate drive.
The ADuM4135 includes a Miller clamp to provide robust IGBT turn-off with a single-rail supply when the gate voltage drops below 2 V (typical). Operation with unipolar or bipolar secondary supplies is possible, with or without the Miller clamp operation.
The Analog Devices chip scale transformers also provide isolated communication of control information between the high voltage and low voltage domains of the chip. Information on the status of the chip can be read back from dedicated outputs. Control of resetting the device after a fault on the secondary is performed on the primary side of the device.
Integrated onto the ADuM4135 is a desaturation detection circuit that provides protection against high voltage short-circuit IGBT operation. The desaturation protection contains noise reducing features such as a 370 ns (typical) masking time after a switching event to mask voltage spikes due to initial turn-on. An internal 537 μA (typical) current source allows low device count and the internal blanking switch allows the addition of an external current source if more noise immunity is needed.
The secondary UVLO is set to 11.67 V (typical) with common IGBT threshold levels taken into consideration.

FEATURES
4 A peak drive output capability
Output power device resistance: <1 Ω
Desaturation protection
Isolated desaturation fault reporting
Soft shutdown on fault
Miller clamp output with gate sense input
Isolated fault and ready functions
Low propagation delay: 55 ns typical
Minimum pulse width: 50 ns
Operating temperature range: −40°C to +125°C
Output voltage range to 30 V
Input voltage range from 2.5 V to 6 V
Output and input undervoltage lockout (UVLO)
Creepage distance: 7.8 mm minimum
100 kV/μs common-mode transient immunity (CMTI)
20 year lifetime for 600 V rms or 1092 V dc working voltage
Safety and regulatory approvals
5 kV ac for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 V peak (reinforced/basic)

APPLICATIONS
MOSFET/IGBT gate drivers
PV inverters
Motor drives
Power supplies




Similar Part No. - ADUM4135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4135 AD-ADUM4135 Datasheet
437Kb / 17P
Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
REV. A
More results


Similar Description - ADUM4135

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4135 AD-ADUM4135 Datasheet
437Kb / 17P
Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
REV. A
ADUM4137 AD-ADUM4137 Datasheet
664Kb / 28P
High Voltage, Isolated IGBT Gate Driver with Fault Detection
2/2019-Revision 0
logo
ON Semiconductor
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
logo
Analog Devices
ADUM4146 AD-ADUM4146 Datasheet
461Kb / 17P
Single-/Dual-Supply, High Voltage, Isolated SiC Gate Driver with Miller Clamp
ADUM4138 AD-ADUM4138 Datasheet
579Kb / 24P
High Voltage, Isolated IGBT Gate Driver with Isolated Flyback Controller
8/2019-Rev. 0 to Rev. A
ADUM4121-1-EP AD-ADUM4121-1-EP Datasheet
190Kb / 9P
High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4146 AD-ADUM4146_V01 Datasheet
1Mb / 17P
11 A High Voltage Isolated Bipolar Gate Driver with Fault Detection, Miller Clamp
Rev. 0
ADUM4137 AD-ADUM4137_V01 Datasheet
623Kb / 28P
High Voltage, Isolated IGBT Gate Driver with Fault Detection
Rev. A
logo
ON Semiconductor
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com