Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM4137 Datasheet (PDF) - Analog Devices

ADUM4137 Datasheet PDF - Analog Devices
Part # ADUM4137
Download  ADUM4137 Download
File Size   623.32 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, Isolated IGBT Gate Driver with Fault Detection

ADUM4137 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM4137 Datasheet PDF - Analog Devices

Part # ADUM4137
Download  ADUM4137 Click to download

File Size   623.32 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Voltage, Isolated IGBT Gate Driver with Fault Detection

ADUM4137 Datasheet (HTML) - Analog Devices


ADUM4137 Product details

GENERAL DESCRIPTION
The ADuM41371 is a single-channel gate driver specifically optimized for driving insulated gate bipolar transistors (IGBTs). Analog Devices, Inc., iCoupler® technology provides isolation between the input signal and the output gate drive.
The Analog Devices chip scale transformers also provide isolated communication of control information between the high voltage and low voltage domains of the chip. Information on the status of the chip can be read back from the dedicated fault outputs. The ADuM4137 provides isolated fault reporting for overcurrent events, remote temperature overheating events, undervoltage lockout (UVLO), and thermal shutdown (TSD). Integrated onto the ADuM4137 is an overcurrent detection feature that protects the IGBT in case of overcurrent events. The split emitter overcurrent detection is coupled with a high speed, two-level turn off in case of faults.
The ADuM4137 provides a Miller clamp control signal for the external metal-oxide semiconductor field effect transistor (MOSFET) to provide robust IGBT turn off with a single rail supply when the gate voltage drops below 2.0 V (typical) and above GND2. Operation with unipolar secondary supplies is possible, with or without the Miller clamp operation.
A low gate voltage detection circuit can trigger a fault if the gate voltage does not go above the internal threshold (VVL) within the time allowed from turn on (tDVL). This circuit allows detection of IGBT device failures that exhibit gate shorts or other causes of weak drive.
The secondary falling UVLO is set to 11.24 V (typical) for common IGBT two-level plateau voltage levels.
The ADuM4137 provides for in field programming of temperature. Two temperature sensor pins allow isolated monitoring of system temperatures at the IGBTs, sensing diode gains and offsets by means of a serial port interface (SPI) bus on the primary side of the device. Values are stored on an EEPROM located on the secondary side. Additionally, programming is available for specific voltage offsets, temperature sensing reporting frequencies, and important delays.
The ASC pin on the secondary side on the ADuM4137 allows the driver to be switched on from the secondary side if no faults are present.

FEATURES
6 A peak drive output capability
Internal turn off NFET, on resistance: <0.95 Ω
Internal turn on PFET, on resistance: <1.18 Ω
Split emitter overcurrent detection
Miller clamp output with gate sense input
Isolated fault output
Isolated temperature sensor read back
Propagation delay
Rising: 105 ns typical
Falling: 107 ns typical
Minimum pulse width: 70 ns
Operating junction temperature range (−40°C to +150°C)
VDD1 and VDD2 UVLO
ASC input
8.3 mm creepage distance
Safety and regulatory approvals
5 kV rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 VPEAK (reinforced/basic)
AEC-Q100 qualified for automotive applications




Similar Part No. - ADUM4137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4137 AD-ADUM4137 Datasheet
664Kb / 28P
High Voltage, Isolated IGBT Gate Driver with Fault Detection
2/2019-Revision 0
ADUM4137WBRNZ AD-ADUM4137WBRNZ Datasheet
664Kb / 28P
High Voltage, Isolated IGBT Gate Driver with Fault Detection
2/2019-Revision 0
ADUM4137WBRNZ-RL AD-ADUM4137WBRNZ-RL Datasheet
664Kb / 28P
High Voltage, Isolated IGBT Gate Driver with Fault Detection
2/2019-Revision 0
More results


Similar Description - ADUM4137

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4137 AD-ADUM4137 Datasheet
664Kb / 28P
High Voltage, Isolated IGBT Gate Driver with Fault Detection
2/2019-Revision 0
logo
ON Semiconductor
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
logo
Analog Devices
ADUM4138 AD-ADUM4138 Datasheet
579Kb / 24P
High Voltage, Isolated IGBT Gate Driver with Isolated Flyback Controller
8/2019-Rev. 0 to Rev. A
ADUM4146 AD-ADUM4146_V01 Datasheet
1Mb / 17P
11 A High Voltage Isolated Bipolar Gate Driver with Fault Detection, Miller Clamp
Rev. 0
logo
ON Semiconductor
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCD57001 ONSEMI-NCD57001_V01 Datasheet
519Kb / 22P
Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57000 ONSEMI-NCV57000_V01 Datasheet
520Kb / 22P
Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 2
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com