Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM4150 Datasheet (PDF) - Analog Devices

ADUM4150 Datasheet PDF - Analog Devices
Part # ADUM4150
Download  ADUM4150 Download
File Size   447.56 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock

ADUM4150 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM4150 Datasheet PDF - Analog Devices

Part # ADUM4150
Download  ADUM4150 Click to download

File Size   447.56 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock

ADUM4150 Datasheet (HTML) - Analog Devices


ADUM4150 Product details

GENERAL DESCRIPTION
The ADuM41501 is a 6-channel, SPIsolator™ digital isolator optimized for isolated serial peripheral interfaces (SPIs). Based on the Analog Devices, Inc., iCoupler® chip scale transformer technology, the low propagation delay in the CLK, MO/SI, MI/SO, and SS SPI bus signals supports SPI clock rates of up to 17 MHz. These channels operate with 13 ns propagation delay and 1 ns jitter to optimize timing for SPI.
The ADuM4150 isolator also provides two additional independent low data rate isolation channels, one channel in each direction. Data in the slow channels is sampled and serialized for a 250 kbps data rate with 2.5 μs of jitter.
The ADuM4150 supports a delay clock output on the master side of the device. This output can be used with an additional clocked port on the master to support 40 MHz clock performance. See the Delay Clock section for more information.

FEATURES
Supports up to 40 MHz SPI clock speed in delay clock mode
Supports up to 17 MHz SPI clock speed in 4-wire mode
4 high speed, low propagation delay, SPI signal isolation channels
2 data channels at 250 kbps
Delayed compensation clock line
20-lead SOIC_IC with 8.3 mm creepage
High temperature operation: 125°C
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals
UL recognition per UL 1577
5000 V rms for 1 minute SOIC long package
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 V peak

APPLICATIONS
Industrial programmable logic controllers (PLC)
Sensor isolation




Similar Part No. - ADUM4150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4150 AD-ADUM4150 Datasheet
456Kb / 21P
5 kV, 6-Channel, SPIsolator Digital
REV. A
ADUM4150 AD-ADUM4150 Datasheet
415Kb / 21P
3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM4150 AD-ADUM4150 Datasheet
381Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM4150 AD-ADUM4150 Datasheet
410Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADuM4150ARIZ AD-ADuM4150ARIZ Datasheet
456Kb / 21P
5 kV, 6-Channel, SPIsolator Digital
REV. A
More results


Similar Description - ADUM4150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3150 AD-ADUM3150 Datasheet
414Kb / 21P
3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
REV. A
ADUM3154 AD-ADUM3154 Datasheet
412Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
ADUM4150 AD-ADUM4150 Datasheet
456Kb / 21P
5 kV, 6-Channel, SPIsolator Digital
REV. A
ADUM4151 AD-ADUM4151 Datasheet
447Kb / 22P
5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
REV. A
ADUM4154 AD-ADUM4154 Datasheet
427Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
REV. A
ADUM3150 AD-ADUM3150_V01 Datasheet
415Kb / 21P
3.75 kV, 6-Channel, SPIsolator Digital Isolator for SPI with Delay Clock
Rev. C
ADUM3151 AD-ADUM3151_V01 Datasheet
421Kb / 22P
3.75 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM3154 AD-ADUM3154_V01 Datasheet
381Kb / 22P
3.75 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
ADUM4151 AD-ADUM4151_V01 Datasheet
425Kb / 22P
5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
Rev. B
ADUM4154 AD-ADUM4154_V01 Datasheet
410Kb / 22P
5 kV, 7-Channel, SPIsolator Multiple Slave, Digital Isolator for SPI
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com