Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM4221 Datasheet (PDF) - Analog Devices

ADUM4221 Datasheet PDF - Analog Devices
Part # ADUM4221
Download  ADUM4221 Download
File Size   1500.36 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Half Bridge Gate Drivers with Adjustable Dead Time, 4 A Output

ADUM4221 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM4221 Datasheet PDF - Analog Devices

Part # ADUM4221
Download  ADUM4221 Click to download

File Size   1500.36 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Half Bridge Gate Drivers with Adjustable Dead Time, 4 A Output

ADUM4221 Datasheet (HTML) - Analog Devices


ADUM4221 Product details

GENERAL DESCRIPTION
The ADuM4221/ADuM4221-1/ADuM4221-2 are 4 A isolated, half bridge gate drivers that employ the Analog Devices, Inc.,
iCoupler® technology to provide independent and isolated
high-side and low-side outputs. The ADuM4221/ADuM4221-1/ ADuM4221-2 provide 5700 V rms isolation in an increased creepage wide body, 16-lead SOIC_IC. Combining high speed
CMOS and monolithic transformer technology, these isolation
components provide outstanding performance characteristics
superior to the alternatives, such as the combination of pulse
transformers and gate drivers. The isolators operate with a logic input voltage ranging from
2.5 V to 6.5 V, providing compatibility with lower voltage
systems. In comparison to gate drivers employing high voltage
level translation methodologies, the ADuM4221/ADuM4221-1/
ADuM4221-2 offer the benefit of true, galvanic isolation
between the input and each output.
The ADuM4221/ADuM4221-1 each have built in overlap
protection and allow dead time adjustment. A single resistor
between the dead time pin (DT) and the GND1 pin sets the
dead time on the secondary side between the high-side and the low-side outputs. The ADuM4221-2 does not have overlap
protection nor dead time control.
An internal thermal shutdown (TSD) sets outputs low if
the internal temperature on the ADuM4221/ADuM4221-1/
ADuM4221-2 exceeds the TSD temperature. As a result,
the ADuM4221/ADuM4221-1/ADuM4221-2 provide reliable control over the switching characteristics of the insulated gate
bipolar transistor (IGBT)/metal-oxide semiconductor field
effect transistor (MOSFET) configurations over a wide range
of positive or negative switching voltages.

FEATURES
4 A peak current (<2 Ω RDSON_x)
2.5 V to 6.5 V logic input voltage
4.5 V to 35 V output supply voltage
UVLO VDD1 positive going threshold: 2.5 V maximum Multiple UVLO options for VDDA and VDDB positive going
threshold
Grade A: 4.5 V maximum Grade B: 7.5 V maximum Grade C: 11.6 V maximum Precise timing characteristics
44 ns maximum propagation delay Adjustable dead time and dual input (ADuM4221) Adjustable dead time and single input (ADuM4221-1) No dead time control and dual input (ADuM4221-2) CMOS input logic levels
High common-mode transient immunity: 150 kV/μs
High junction temperature operation: 125°C Default low output
Safety and regulatory approvals (pending)
UL recognition per UL 1577 5700 V rms for 1 minute duration
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-11: VIORM = 849 V peak Increased creepage wide body, 16-lead SOIC_IC

APPLICATIONS
Switching power supplies
Isolated IGBT/MOSFET gate drives
Industrial inverters
Gallium nitride (GaN)/silicon carbide (SiC) compatible




Similar Part No. - ADUM4221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
ADUM4221ARIZ AD-ADUM4221ARIZ Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
ADUM4221ARIZ-RL AD-ADUM4221ARIZ-RL Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
ADUM4221BRIZ AD-ADUM4221BRIZ Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
ADUM4221BRIZ-RL AD-ADUM4221BRIZ-RL Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
More results


Similar Description - ADUM4221

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
logo
Intersil Corporation
HIP2120 INTERSIL-HIP2120 Datasheet
418Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
December 23, 2011
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
LM5105 TI-LM5105_15 Datasheet
945Kb / 21P
LM5105 100V Half Bridge Gate Driver with Programmable Dead-Time
LM5106 TI-LM5106_15 Datasheet
989Kb / 26P
100-V Half-Bridge Gate Driver With Programmable Dead-Time
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
100V Half Bridge Gate Driver With Programmable Dead-Time
LMG1210 TI1-LMG1210 Datasheet
601Kb / 23P
200-V, 1.5-A, 3-A Half-Bridge GaN Driver With Adjustable Dead Time
logo
Renesas Technology Corp
HIP2120 RENESAS-HIP2120 Datasheet
712Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com