Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QLSP04RBH Datasheet (PDF) - Quelighting Corp

QLSP04RBH Datasheet PDF - Quelighting Corp
Part # QLSP04RBH
Download  QLSP04RBH Download
File Size   1224.22 Kbytes
Page   15 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description This is the high efficiency LED with reflector type. EMC 3030 Single color is a surfacemount LED which with heat sink to enhance operating performance.

QLSP04RBH Datasheet (PDF)

Go To PDF Page Download Datasheet
QLSP04RBH Datasheet PDF - Quelighting Corp

Part # QLSP04RBH
Download  QLSP04RBH Click to download

File Size   1224.22 Kbytes
Page   15 Pages
Manufacturer  QUELIGHTING [Quelighting Corp]
Direct Link  http://www.quelighting.com/
Logo QUELIGHTING - Quelighting Corp
Description This is the high efficiency LED with reflector type. EMC 3030 Single color is a surfacemount LED which with heat sink to enhance operating performance.

QLSP04RBH Datasheet (HTML) - Quelighting Corp


QLSP04RBH Product details

Features:
• High brightness output @ 150mA,
• High driving current to 200mA.
• Package Dimension = 3.2mmX3.0mmX0.6mm
• RoHS compliant
• Custom Bin available upon special request
Application:
• Warning lamp
• Decoration lamp
• Architecture Lighting
• Garden Lighting
• Horticulture Lighting




Similar Part No. - QLSP04RBH

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLSP04RBU QUELIGHTING-QLSP04RBU Datasheet
1Mb / 14P
This is the high power LED with reflector type. EMC 3030 Single color is a surface-mount LED which with heat sink to enhance operating performance.
1.1 08-01-2018
More results


Similar Description - QLSP04RBH

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
96-22SYGC EVERLIGHT-96-22SYGC Datasheet
114Kb / 6P
High Performance with Reflector LED
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
High performance SMD LED with Reflector
logo
Quelighting Corp
QLSP04PYXU-150 QUELIGHTING-QLSP04PYXU-150 Datasheet
1Mb / 13P
This is the high power LED with reflector type. EMC 3030 Single color is a surface-mount LED which with heat sink to enhance operating performance.
1.2 08-01-2018
QLSP04WXU QUELIGHTING-QLSP04WXU Datasheet
1Mb / 17P
This is the high power LED with reflector type. EMC 3030 Single color is a surface-mount LED which with heat sink to enhance operating performance.
1.2 02-14-2022
QLSP04XXU-XXX QUELIGHTING-QLSP04XXU-XXX Datasheet
1Mb / 14P
This is the high power LED with reflector type. EMC 3030 Single color is a surface-mount LED which with heat sink to enhance operating performance.
1.1 08-01-2018
QLSP06RGBXWAJ-274 QUELIGHTING-QLSP06RGBXWAJ-274 Datasheet
1Mb / 17P
This is a small package with ceramic substrate for multi-color high power LED, that provides high lumen output in the 3030 package.
1.0 11-26-2020
QLSP14WC-216 QUELIGHTING-QLSP14WC-216 Datasheet
1Mb / 12P
This is the small TOP LED with reflector type with single color led. This special package is ideal for customer?셲 application in traffic signal and sign boards.
1.1 08-01-2019
QLSP19WXH-314 QUELIGHTING-QLSP19WXH-314 Datasheet
1Mb / 15P
These 0.5W LEDs are equipped with heat sink to enhance operating performance.
1.0 08-25-2021
QLUV04X3U-XXX QUELIGHTING-QLUV04X3U-XXX Datasheet
1Mb / 14P
This is the high power LED with reflector type. EMC 3030 UV LED series are designed for high current operation and high power output applications.
1.1 07-10-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com