Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VF20150C-E3 Datasheet (PDF) - Vishay Siliconix

VF20150C-E3 Datasheet PDF - Vishay Siliconix
Part # VF20150C-E3
Download  VF20150C-E3 Download
File Size   218.83 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A

VF20150C-E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VF20150C-E3 Datasheet PDF - Vishay Siliconix

Part # VF20150C-E3
Download  VF20150C-E3 Click to download

File Size   218.83 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A

VF20150C-E3 Datasheet (HTML) - Vishay Siliconix


VF20150C-E3 Product details

FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s, per
JESD 22-B106 (for TO-220AB, ITO-220AB and TO-262AA
package)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, DC/DC
converters and reverse battery protection.

MECHANICAL DATA
Case: TO-220AB, ITO-220AB, D2PAK (TO-263AB), and
TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs maximum




Similar Part No. - VF20150C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VF20150C-E3 VISHAY-VF20150C-E3 Datasheet
161Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
13-Dec-16
VF20150C-E3/4W VISHAY-VF20150C-E3/4W Datasheet
168Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
19-May-08
VF20150C-E3/4W VISHAY-VF20150C-E3/4W Datasheet
163Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
More results


Similar Description - VF20150C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V10150S VISHAY-V10150S Datasheet
166Kb / 5P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
19-May-08
V20150C VISHAY-V20150C Datasheet
168Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
19-May-08
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
31-Jul-08
V40100G VISHAY-V40100G Datasheet
167Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.42 V at IF = 5 A
19-May-08
V40100PG VISHAY-V40100PG_08 Datasheet
106Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.420 V at IF = 5 A
26-May-08
V50100P VISHAY-V50100P_08 Datasheet
103Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.375 V at IF = 5 A
26-May-08
V10150S VISHAY-V10150S_15 Datasheet
156Kb / 5P
High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
13-Aug-13
VB10150S-M3 VISHAY-VB10150S-M3 Datasheet
86Kb / 4P
High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5.0 A
30-Aug-13
V20150C-E3 VISHAY-V20150C-E3 Datasheet
161Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5 A
13-Dec-16
VB20150C-M3 VISHAY-VB20150C-M3 Datasheet
89Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5.0 A
30-Aug-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com