Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V60DM45C Datasheet (PDF) - Vishay Siliconix

V60DM45C Datasheet PDF - Vishay Siliconix
Part # V60DM45C
Download  V60DM45C Download
File Size   111.56 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5.0 A

V60DM45C Datasheet (PDF)

Go To PDF Page Download Datasheet
V60DM45C Datasheet PDF - Vishay Siliconix

Part # V60DM45C
Download  V60DM45C Click to download

File Size   111.56 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5.0 A

V60DM45C Datasheet (HTML) - Vishay Siliconix


V60DM45C Product details

FEATURES
• Trench MOS Schottky technology
• Very low profile - typical height of 1.7 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available:
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection in commercial, industrial, and
automotive application.

MECHANICAL DATA
Case: SMPD (TO-263AC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base P/NHM3 - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meet JESD 201 class 2 whisker test
Polarity: as marked




Similar Part No. - V60DM45C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V60DM45C VISHAY-V60DM45C Datasheet
110Kb / 5P
Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5.0 A
18-Mar-2019
V60DM45C-M3/I VISHAY-V60DM45C-M3/I Datasheet
110Kb / 5P
Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5.0 A
18-Mar-2019
V60DM45CHM3/I VISHAY-V60DM45CHM3/I Datasheet
110Kb / 5P
Dual Low-Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.34 V at IF = 5.0 A
18-Mar-2019
More results


Similar Description - V60DM45C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT30L60C-E3 VISHAY-VT30L60C-E3 Datasheet
134Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
15-Dec-16
VT1045C-M3 VISHAY-VT1045C-M3 Datasheet
135Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
12-May-16
VT4060C-E3 VISHAY-VT4060C-E3 Datasheet
134Kb / 5P
Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
15-Dec-16
VBT1045C-E3 VISHAY-VBT1045C-E3 Datasheet
90Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
09-Sep-13
VBT1045C-M3 VISHAY-VBT1045C-M3 Datasheet
102Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
30-Apr-13
VBT2045C-M3 VISHAY-VBT2045C-M3 Datasheet
89Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5.0 A
03-Jan-17
VBT3045C-E3 VISHAY-VBT3045C-E3 Datasheet
91Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.30 V at IF = 5.0 A
09-Sep-13
VFT1045C-M3 VISHAY-VFT1045C-M3 Datasheet
88Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.34 V at IF = 2.5 A
22-Nov-13
VFT3045C-M3 VISHAY-VFT3045C-M3 Datasheet
88Kb / 4P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.30 V at IF = 5.0 A
22-Nov-13
VT4045C-M3 VISHAY-VT4045C-M3 Datasheet
135Kb / 5P
Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.28 V at IF = 5.0 A
15-Dec-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com