Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2021 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

2021 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # 2021
Download  2021 Download
File Size   2837.94 Kbytes
Page   5 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-Channel, 20V, 0.89A, Small Signal MOSFET

2021 Datasheet (PDF)

Go To PDF Page Download Datasheet
2021 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # 2021
Download  2021 Click to download

File Size   2837.94 Kbytes
Page   5 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-Channel, 20V, 0.89A, Small Signal MOSFET

2021 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


2021 Product details

Features
z Trench Technology
z Supper high density cell design
z Excellent ON resistance
z Extremely Low Threshold Voltage
z Small package SOT-23/323

Applications
z DC-DC converter circuit
z Small Signal Switch
z Load Switch
z Level Shift




Similar Part No. - 2021

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2021 XFMRS-2021 Datasheet
99Kb / 2P
TOKEN RING MAGNETICS
logo
Heyco.
2021 HEYCO-2021 Datasheet
133Kb / 1P
Snap Bushings
logo
Premier Farnell Limited...
2021-01 DURATOOL-2021-01 Datasheet
22Kb / 1P
Long Nose Pliers
logo
TEWS Technologies GmbH
2021-05-17 TEWS-2021-05-17 Datasheet
145Kb / 2P
16 Digital Outputs, High Side Switch
2021-05-17
logo
Data Delay Devices, Inc...
2021-100 DATADELAY-2021-100 Datasheet
32Kb / 2P
FIXED SIP DELAY LINE TR < 1ns
More results


Similar Description - 2021

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
N-Channel Small Signal MOSFET
logo
Pan Jit International I...
PJE260N02 PANJIT-PJE260N02 Datasheet
410Kb / 6P
N-Channel, 20V, 0.78A, Small Signal MOSFET
logo
Will Semiconductor Ltd.
WPMD2013 WILLSEMI-WPMD2013 Datasheet
383Kb / 6P
Dual P-Channel, -20V, -0.64A, Small Signal MOSFET
WNM4002 WILLSEMI-WNM4002 Datasheet
166Kb / 6P
Small Signal N-Channel, 20V, 0.3A, MOSFET
WNM4153 WILLSEMI-WNM4153 Datasheet
339Kb / 6P
N-Channel, 20V, 0.88A, Small Signal MOSFET
WNMD2153 WILLSEMI-WNMD2153 Datasheet
644Kb / 7P
Dual N-Channel, 20V, 0.89A, Small Signal MOSFET
WCM2002 WILLSEMI-WCM2002 Datasheet
1Mb / 9P
N- and P- Channel, 20V, Small signal MOSFET
WNM2020 WILLSEMI-WNM2020 Datasheet
447Kb / 6P
N-Channel, 20V, 0.90A, Small Signal MOSFET
WNM2021 WILLSEMI-WNM2021 Datasheet
509Kb / 6P
N-Channel, 20V, 0.89A, Small Signal MOSFET
WNM2021FL WILLSEMI-WNM2021FL Datasheet
857Kb / 8P
N-Channel, 20V, 0.89A, Small Signal MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com