Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4807 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

4807 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # 4807
Download  4807 Download
File Size   4282.88 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description P-Channel Enhancement Mode Power MOSFET

4807 Datasheet (PDF)

Go To PDF Page Download Datasheet
4807 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4807
Download  4807 Click to download

File Size   4282.88 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description P-Channel Enhancement Mode Power MOSFET

4807 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


4807 Product details

Description
The 4807 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.

General Features
VDS = -30V,ID = - 6.0A
RDS(ON) < 32mΩ @ VGS= -10V
RDS(ON) < 40mΩ @ VGS= -4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package




Similar Part No. - 4807

ManufacturerPart #DatasheetDescription
logo
ASSUN MOTOR Pte Ltd.
4807 ASSUN-4807 Datasheet
235Kb / 1P
HIGH POWER SERIES
2023-A
4807 ASSUN-4807 Datasheet
340Kb / 1P
HIGH POWER SERIES
2023
4807 ASSUN-4807 Datasheet
219Kb / 1P
METAL BRUSH
2023-A
logo
Keystone Electronics Co...
4807 KEYSTONE-4807 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Filtran LTD
4807-01 FILTRAN-4807-01 Datasheet
89Kb / 1P
Power Transformers Fully Enclosed
More results


Similar Description - 4807

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com