Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF2310 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

TF2310 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # TF2310
Download  TF2310 Download
File Size   3267.29 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-Channel 60-V(D-S) MOSFET

TF2310 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF2310 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF2310
Download  TF2310 Click to download

File Size   3267.29 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-Channel 60-V(D-S) MOSFET

TF2310 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


TF2310 Product details

General Features
● VDS =60V,ID =3A
RDS(ON) <90mΩ @ VGS=10V
RDS(ON) < 120mΩ @ VGS=4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package

Application
●Battery switch
●DC/DC converter




Similar Part No. - TF2310

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tuofeng Semico...
TF2312 TUOFENG-TF2312 Datasheet
1Mb / 5P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
TF2314 TUOFENG-TF2314 Datasheet
1Mb / 5P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
TF2317 TUOFENG-TF2317 Datasheet
2Mb / 6P
P-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
TF2319 TUOFENG-TF2319 Datasheet
2Mb / 5P
P-Channel 40-V(D-S) MOSFET
Feb,2018 V1.0
More results


Similar Description - TF2310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com