Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3270431 Datasheet (PDF) - PHOENIX CONTACT

3270431 Datasheet PDF - PHOENIX CONTACT
Part # 3270431
Download  3270431 Download
File Size   618.45 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - PTMC 1,5-2 /RD

3270431 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270431 Datasheet PDF - PHOENIX CONTACT

Part # 3270431
Download  3270431 Click to download

File Size   618.45 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - PTMC 1,5-2 /RD

3270431 Datasheet (HTML) - PHOENIX CONTACT


3270431 Product details

Marshalling patchboard, nom. voltage: 500 V, nominal current: 17.5 A, connection
method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2, mounting: for snapping onto a DIN rail adapter, for snapping onto a cover flange, color: gray, color of connection elements: red

Your advantages
• Suitable for DIN rail mounting and panel cutouts with corresponding accessories
• Individual setup thanks to modular principle
• Color configuration possible according to VDE 0812, VDE 0815, DIN 47100 or unlimited.
• Individual color assignment of cable and terminal point to ensure error-free, safe operation
• High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
• Tool-free wiring in a confined space thanks to compact size




Similar Part No. - 3270431

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
327043 TEC-327043 Datasheet
2Mb / 6P
PLASTI-GRIP Terminals & Splices
08/2013
logo
PHOENIX CONTACT
3270430 PHOENIX-3270430 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /BU
09/12/2020
3270432 PHOENIX-3270432 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /GN
09/12/2020
3270433 PHOENIX-3270433 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /BN
Jun 7, 2022
3270434 PHOENIX-3270434 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /BK
09/12/2020
More results


Similar Description - 3270431

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270430 PHOENIX-3270430 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /BU
09/12/2020
3270432 PHOENIX-3270432 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /GN
09/12/2020
3270434 PHOENIX-3270434 Datasheet
144Kb / 13P
Marshalling patchboard - PTMC 1,5-2 /BK
09/12/2020
3270302 PHOENIX-3270302 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /GY
Jun 2, 2022
3270303 PHOENIX-3270303 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /WH
Jun 2, 2022
3270438 PHOENIX-3270438 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /PK
Jun 3, 2022
3270314 PHOENIX-3270314 Datasheet
645Kb / 22P
Marshalling patchboard - PTMC 1,5/32-2
Jun 13, 2022
3270421 PHOENIX-3270421 Datasheet
629Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /RD
May 17, 2022
3001940 PHOENIX-3001940 Datasheet
349Kb / 14P
Marshalling patchboard - PTMC 1,5 /2-2 -DF
Jun 23, 2022
3270329 PHOENIX-3270329 Datasheet
714Kb / 22P
Marshalling patchboard - PTMC 1,5/80-2
Jun 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com