Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMTS0D7N04C Datasheet (PDF) - ON Semiconductor

NVMTS0D7N04C Datasheet PDF - ON Semiconductor
Part # NVMTS0D7N04C
Download  NVMTS0D7N04C Download
File Size   359.68 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 0.67 m, 420 A

NVMTS0D7N04C Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMTS0D7N04C Datasheet PDF - ON Semiconductor

Part # NVMTS0D7N04C
Download  NVMTS0D7N04C Click to download

File Size   359.68 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 0.67 m, 420 A

NVMTS0D7N04C Datasheet (HTML) - ON Semiconductor


NVMTS0D7N04C Product details

Features
• Small Footprint (8x8 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• Power 88 Package, Industry Standard
• AEC−Q101 Qualified and PPAP Capable
• Wettable Flank Plated Option for Enhanced Optical Inspection
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NVMTS0D7N04C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NVMTS0D7N04C DIODES-NVMTS0D7N04C Datasheet
674Kb / 2P
First PowerDI8080-Packaged 40V MOSFET Delivers Industry-Leading Performance
logo
ON Semiconductor
NVMTS0D7N04CL ONSEMI-NVMTS0D7N04CL Datasheet
363Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.63 m, 433 A
July, 2019 ??Rev. 1
NVMTS0D7N04CLTXG ONSEMI-NVMTS0D7N04CLTXG Datasheet
363Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.63 m, 433 A
July, 2019 ??Rev. 1
More results


Similar Description - NVMTS0D7N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDBL9401-F085T6 ONSEMI-FDBL9401-F085T6 Datasheet
222Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 40 V, 0.67 m, 240 A
June, 2020 ??Rev. 0
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NTMTS0D7N04C ONSEMI-NTMTS0D7N04C Datasheet
363Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.67 m, 420 A
October, 2020 - Rev. 6
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NVD5C454NL ONSEMI-NVD5C454NL Datasheet
234Kb / 7P
MOSFET ??Power, Single, N-Channel, 40 V, 3.9 m, 88 A
June, 2019-Rev. 0
NVD5C486N ONSEMI-NVD5C486N Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 17.9 m, 22 A
June, 2019-Rev. 0
NVD5C486NL ONSEMI-NVD5C486NL Datasheet
234Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 16 m, 24 A
June, 2019-Rev. 0
NVLJWS011N04CL ONSEMI-NVLJWS011N04CL Datasheet
170Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 11 m, 37 A
March, 2022 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com