Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF30115 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

TF30115 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # TF30115
Download  TF30115 Download
File Size   3184.41 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-Channel Enhancement Mode Power MOSFET

TF30115 Datasheet (PDF)

Go To PDF Page Download Datasheet
TF30115 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF30115
Download  TF30115 Click to download

File Size   3184.41 Kbytes
Page   6 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N-Channel Enhancement Mode Power MOSFET

TF30115 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


TF30115 Product details

Description
The TF30115 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and operation
with gate voltages as low as 4.5V.

General Features
● VDS = 30V ,ID = 115A
RDS(ON) < 6.0mΩ @ VGS=4.5V
RDS(ON) < 4.0mΩ @ VGS=10V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package

Application
● Battery Switch
● Load switch
● Power management




Similar Part No. - TF30115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TF301 ETC2-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
TAITRON Components Inco...
TF301 TAITRON-TF301 Datasheet
131Kb / 4P
3.0A Fast Recovery Rectifier
logo
Riedon Powertron
TF3010A RIEDON-TF3010A Datasheet
195Kb / 2P
Thick Film Resistor Networks
TF3010B RIEDON-TF3010B Datasheet
195Kb / 2P
Thick Film Resistor Networks
logo
TAITRON Components Inco...
TF301G TAITRON-TF301G Datasheet
128Kb / 4P
3.0A Glass Passivated Fast Recovery Rectifier
More results


Similar Description - TF30115

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com