Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFD230P03M Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

TFD230P03M Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # TFD230P03M
Download  TFD230P03M Download
File Size   3026.43 Kbytes
Page   5 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description P-CHANNEL ENHANCEMENT MODE POWER MOSFET

TFD230P03M Datasheet (PDF)

Go To PDF Page Download Datasheet
TFD230P03M Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # TFD230P03M
Download  TFD230P03M Click to download

File Size   3026.43 Kbytes
Page   5 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description P-CHANNEL ENHANCEMENT MODE POWER MOSFET

TFD230P03M Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


TFD230P03M Product details

Description
The TFD230P03M uses advanced trench technology to
provide excellent RDS(ON) and low gate charge. It can be
used in a wide variety of applications.

General Features
● VDS = -30V , ID = -9A
RDSON(typ) = 25mΩ @ VGS=-10V
RDSON(typ) = 35mΩ @VGS=-4.5V
● High Power and current handing capability ● Lead free product is acquired ● Surface Mount Package

Application
● PWM applications ● Load switch ● Power management




Similar Part No. - TFD230P03M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TFD27 COOPER-TFD27 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results


Similar Description - TFD230P03M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com