Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLSRK Datasheet (PDF) - Littelfuse

LLSRK Datasheet PDF - Littelfuse
Part # LLSRK
Download  LLSRK Download
File Size   404.72 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES

LLSRK Datasheet (PDF)

Go To PDF Page Download Datasheet
LLSRK Datasheet PDF - Littelfuse

Part # LLSRK
Download  LLSRK Click to download

File Size   404.72 Kbytes
Page   3 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES

LLSRK Datasheet (HTML) - Littelfuse


LLSRK Product details

Description
RK1 fuses are extremely current-limiting fuses meaning they
greatly reduce or eliminate damage to circuits and equipment under
short-circuit conditions. Replacing existing Class H, K and RK5 fuses
with RK1 fuses is one of the easiest ways to immediately improve
the protection of plant workers and equipment.

Applications
• All general purpose circuits
• Motors
• Transformers
• Safety upgrades

Features/Benefits
• POWR-PRO Performance
• Indication available
• Dual-element design
• Extremely Current-Limiting
• IEC Type 2 “No Damage” protection to IEC and NEMA
type motor starters
• Indicating and DIN mount fuse holders available

Specifications
Voltage Ratings 600 Vac/300 Vdc (LLSRK/LLSRK_ID)
250 Vac/125 Vdc (LLNRK)
Interrupting Ratings AC: 200 kA rms symmetrical
300 kA rms symmetrical
(Littelfuse self-certified)
DC: 20 kA
Ampere Range 1/10 – 600 A
Approvals AC: Standard 248-12, Class RK1
UL Listed (File: E81895)
CSA Certified (File: LR29862)
DC: Littelfuse self-certified
Federal Specification WF-1814
(QPL- W-F-1814)




Similar Part No. - LLSRK

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LLSRK060 LITTELFUSE-LLSRK060 Datasheet
494Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LLSRK060 LITTELFUSE-LLSRK060 Datasheet
421Kb / 3P
CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
LLSRK060ID LITTELFUSE-LLSRK060ID Datasheet
494Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LLSRK060ID LITTELFUSE-LLSRK060ID Datasheet
421Kb / 3P
CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
More results


Similar Description - LLSRK

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LLNRK LITTELFUSE-LLNRK Datasheet
189Kb / 3P
LLNRK/LLSRK Series POWR-PRO Class RK1
logo
Cooper Bussmann, Inc.
LPN-RK-70SP COOPER-LPN-RK-70SP Datasheet
78Kb / 2P
Dual-Element Time-Delay Fuses Class RK1-250 Volts AC/DC
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
KLSR LITTELFUSE-KLSR Datasheet
373Kb / 2P
CLASS RK1-KLNR KLSR SERIES FUSES
LLNRK-ID LITTELFUSE-LLNRK-ID Datasheet
503Kb / 3P
CLASS RK1-LLNRK LLSRK LLSRK ID SERIES FUSES
logo
Cooper Bussmann, Inc.
KTN-R-1 COOPER-KTN-R-1 Datasheet
317Kb / 3P
Limitron짰 fast-acting, RK1 ??250 volt fuses
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Littelfuse
LLNRK LITTELFUSE-LLNRK_16 Datasheet
494Kb / 3P
CLASS RK1 ??LLNRK ??LLSRK ??LLSRK_ID SERIES FUSES
LSRK015-T LITTELFUSE-LSRK015-T Datasheet
421Kb / 3P
CLASS RK1 ? LLNRK ? LLSRK ? LLSRK_ID SERIES FUSES
Rev: 1-A-031716
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com