Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSX Datasheet (PDF) - Littelfuse

PSX Datasheet PDF - Littelfuse
Part # PSX
Download  PSX Download
File Size   815.24 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PSX SERIES HIGH-SPEED SQUARE BODY

PSX Datasheet (PDF)

Go To PDF Page Download Datasheet
PSX Datasheet PDF - Littelfuse

Part # PSX
Download  PSX Click to download

File Size   815.24 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description PSX SERIES HIGH-SPEED SQUARE BODY

PSX Datasheet (HTML) - Littelfuse


PSX Product details

Description
Littelfuse PSX series 1500 V dc high-speed square body
fuses are specially designed to protect battery energy
storage systems (BESS), photovoltaic inverters, and many
dc applications such as dc common bus systems, larger
industrial regenerative drives, rectifiers and metal processing
equipment.
The PSX series fuses are extremely fast-acting, offering
high-speed performance up to 1500 V dc, ranging from
80 A to 1400 A in the smallest NH XL package sizes. The
PSX series is available with multiple mounting terminations
including flush-end, DIN, and bolted-blade styles. Visual
blown fuse indication is standard on all fuses and optional
micro-switch is available for external indication.
The PSX series is certified to UL248-13 and designed to
meet IEC 60269-7 (Class aBat) battery protection fuse
standard.

Features/Benefits
 High dc voltage rating up to 1500 V dc
 Dc interrupting rating is 250 kA
 Extremely fast acting for high speed performance
 Low watt loss provides energy efficiency for BESS
applications
 Compact NH 1XL and 3XL sizes offer flexibility

Applications
 Battery energy storage systems (BESSs)
 Power conversion systems
 Dc common bus systems
 Hybrid PV-BESS inverters
 Regenerative drives
 Industrial heaters and welding equipment
 Metal processing equipment

Specifications
Voltage Rating Dc: 1500 V
Amperage Rating 80 A–1400 A
Interrupting Rating Dc: 250 kA
Time Constant 1XL: 3XL: Microswitch Yes
Mounting Bolted-blade style, DIN-blade style,
Metric flush-end style
Material Body: ceramic
Contacts: plated copper (bladed)
plated brass (flush end)
Approvals cURus Recognized (File: E71611)
Applicable Standards UL 248-13, IEC 60269-7
Environmental RoHS Compliant, REACH
Operating Temperature -55 °C to +125 °C
Storage Temperature Up to +35 °C with relative humidity <65 %
Country of Origin Mexico




Similar Part No. - PSX

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
Split Bobbin Power Transformer
PSX-012-120 WABASH-PSX-012-120 Datasheet
668Kb / 2P
Split Bobbin Power Transformer
PSX-012-126 WABASH-PSX-012-126 Datasheet
668Kb / 2P
Split Bobbin Power Transformer
PSX-012-16 WABASH-PSX-012-16 Datasheet
668Kb / 2P
Split Bobbin Power Transformer
PSX-012-20 WABASH-PSX-012-20 Datasheet
668Kb / 2P
Split Bobbin Power Transformer
More results


Similar Description - PSX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170H0235 COOPER-170H0235 Datasheet
47Kb / 1P
Square Body Accessories
170M6149 COOPER-170M6149 Datasheet
71Kb / 2P
Square body DIN 43 653 stud-mount high speed fuses.
logo
Littelfuse
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PSR030US0550Z LITTELFUSE-PSR030US0550Z Datasheet
1Mb / 21P
PSR SERIES HIGH-SPEED SQUARE BODY
L70QS300.X LITTELFUSE-L70QS300.X Datasheet
995Kb / 11P
L70QS SERIES HIGH-SPEED ROUND BODY
Rev: 092820
L70QS LITTELFUSE-L70QS Datasheet
1Mb / 11P
L70QS SERIES HIGH-SPEED ROUND BODY
Rev: 092820
L75QS LITTELFUSE-L75QS Datasheet
886Kb / 13P
L75QS SERIES HIGH-SPEED ROUND BODY
Rev: 1-A-061819
PSR030DS0550Z LITTELFUSE-PSR030DS0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
PSR030US0550Z LITTELFUSE-PSR030US0550Z_V01 Datasheet
1Mb / 20P
PSR SERIES HIGH-SPEED SQUARE BODY
Rev: 042722
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com