Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC Datasheet (PDF) - Littelfuse

SLC Datasheet PDF - Littelfuse
Part # SLC_V01
Download  SLC Download
File Size   479.02 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SLC CLASS G FUSES

SLC Datasheet (PDF)

Go To PDF Page Download Datasheet
SLC Datasheet PDF - Littelfuse

Part # SLC_V01
Download  SLC Click to download

File Size   479.02 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SLC CLASS G FUSES

SLC Datasheet (HTML) - Littelfuse


SLC Product details

Description
Littelfuse SLC fuses provide cost effective branch circuit
protection. Fuse length varies to prevent over-fusing.
Compact Class G fuses were the first fuse series to
approach midget fuse dimensions and meet NEC®
requirements for branch-circuit protection.

Features/Benefits
• Branch circuit rated
• Current-limiting
• 100 kA interrupting rating
• 600 V ac rated 1/2-20 A

Applications
• Branch circuit protection

Specifications
Voltage Ratings 600 V ac (1/2 – 20 A)
480 V ac (25 – 60 A)
170 V dc (1/2 – 60 A) (Littelfuse self-certified)
Interrupting Ratings AC: 100 kA rms symmetrical
DC: 10 kA
Ampere Range 1/2 – 60 A
Approvals Standard 248-5, Class G
UL Listed (File: E81895)
CSA Certified (File: LR29862)
Federal Specification WF-1814
(QPL-W-F-1814)
Environmental RoHS Compliant




Similar Part No. - SLC_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLC-001T-P2.0 ETC2-SLC-001T-P2.0 Datasheet
232Kb / 8P
Crimping tools and machines
SLC-001T-P2.0 ETC2-SLC-001T-P2.0 Datasheet
224Kb / 8P
APPLICATION TOOLING
SLC-02T-P2.0 ETC2-SLC-02T-P2.0 Datasheet
232Kb / 8P
Crimping tools and machines
SLC-02T-P2.0 ETC2-SLC-02T-P2.0 Datasheet
224Kb / 8P
APPLICATION TOOLING
logo
SOVICO corp.
SLC-116 SOVICO-SLC-116 Datasheet
246Kb / 1P
Line Checker
More results


Similar Description - SLC_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RLN LITTELFUSE-RLN Datasheet
777Kb / 1P
RLN/RLS Class H Fuses
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
SLC LITTELFUSE-SLC Datasheet
457Kb / 2P
SLC Class G Fuses
LDC LITTELFUSE-LDC_16 Datasheet
290Kb / 13P
CLASS L ??LDC SERIES FUSES
SLC LITTELFUSE-SLC_17 Datasheet
277Kb / 1P
SLC CLASS G FUSES
logo
Eaton All Rights Reserv...
SC-1-2 EATON-SC-1-2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Littelfuse
FLNR LITTELFUSE-FLNR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLNR Series
Rev: 090721
FLSR LITTELFUSE-FLSR_V01 Datasheet
249Kb / 4P
Class RK5 Fuses FLSR Series
Rev: 090721
JLS LITTELFUSE-JLS_V01 Datasheet
330Kb / 3P
CLASS J ??JLS SERIES FUSES
Rev: 062617
KLKR LITTELFUSE-KLKR_V01 Datasheet
208Kb / 2P
CLASS CC KLKR SERIES FUSES
Rev: 062218
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com