Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

103161 Datasheet (PDF) - PHOENIX CONTACT

103161 Datasheet PDF - PHOENIX CONTACT
Part # 103161
Download  103161 Download
File Size   221.85 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Current transducer for 1 A and 5 A AC

103161 Datasheet (PDF)

Go To PDF Page Download Datasheet
103161 Datasheet PDF - PHOENIX CONTACT

Part # 103161
Download  103161 Click to download

File Size   221.85 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Current transducer for 1 A and 5 A AC

103161 Datasheet (HTML) - PHOENIX CONTACT


103161 Product details

Description
The MACX MCR-SL-CAC-5-I(-UP) current transducer converts
sinusoidal alternating currents 1 A or 5 A into standard
analog signals 0...20 mA or 4...20 mA. The DIP switches accessible
on the topside of the housing enable configuration
of the input and output current. The MACX MCR-SL-CAC-5-
I current transducer provides a voltage supply range of 19.2
V DC to 30 V DC.
The MACX MCR-SL-CAC-5-I-UP current transducer includes
a wide-range version with a supply voltage range
from 19.2 V AC/DC to 253 V AC/DC.

Features
– Wide-range version (MACX MCR-...-UP) up to 253 V
AC/DC
– 24 V DC version with additional supply via DIN rail connector
– Input/output can be configured via DIP switch
– Operating state indication via LED




Similar Part No. - 103161

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1031610000 WEIDMULLER-1031610000 Datasheet
314Kb / 5P
SCD-THR 3.81/24/180F 3.2SN BK BX
More results


Similar Description - 103161

ManufacturerPart #DatasheetDescription
logo
LEM
AK-B420L LEM-AK-B420L Datasheet
236Kb / 2P
AC Current transducer
AK-B- LEM-AK-B- Datasheet
202Kb / 2P
AC Current transducer
AK-C420L LEM-AK-C420L Datasheet
149Kb / 2P
AC Current transducer
AK-C- LEM-AK-C- Datasheet
92Kb / 2P
AC Current transducer
AKR-B420L LEM-AKR-B420L Datasheet
223Kb / 2P
AC Current transducer
AKR-C420L LEM-AKR-C420L Datasheet
127Kb / 2P
AC Current transducer
APR-B420L LEM-APR-B420L_07 Datasheet
898Kb / 3P
AC Current transducer
APR-B10 LEM-APR-B10_08 Datasheet
1Mb / 4P
AC Current transducer
AT-B5 LEM-AT-B5 Datasheet
765Kb / 3P
AC Current transducer
logo
Weidmuller
2716690000 WEIDMULLER-2716690000 Datasheet
146Kb / 4P
Rated current : via current transformer 1 A/5 A
November 4, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com