Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0LMF005.V Datasheet (PDF) - Littelfuse

0LMF005.V Datasheet PDF - Littelfuse
Part # 0LMF005.V
Download  0LMF005.V Download
File Size   564.03 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description lgr ??lmf in-line Fuses and lhr holders

0LMF005.V Datasheet (PDF)

Go To PDF Page Download Datasheet
0LMF005.V Datasheet PDF - Littelfuse

Part # 0LMF005.V
Download  0LMF005.V Click to download

File Size   564.03 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description lgr ??lmf in-line Fuses and lhr holders

0LMF005.V Datasheet (HTML) - Littelfuse


0LMF005.V Product details

About LGR Fuses
Used as in-line protection
for fluorescent fixtures, this
fast-acting fuse is ideal for
increasing the safety and
reliability of lighting fixtures.

Specifications
Voltage Rating 300 VAC
Maximum Interrupting Rating 10 kA
Approvals Standard 248-14
UL Listed (File: E10480)
CSA Certified (File: LR29862)

About LMF Fuses
Perfect for use in lighting
systems, this 300 VAC timedelay
fuse is designed to
handle ballast transformer
in-rush currents.

Specifications
Voltage Rating 300 VAC
Maximum Interrupting
Rating 10 kA
Approvals Standard 248-14
UL Listed (File: E10480)
CSA Certified (File: LR29862)

About LHR Fuse Holder
Used as in-line protection
for fluorescent fixtures, the
Littelfuse LGR and LMF
series fuses and LHR holder
offer increased safety and
reliability to lighting systems.
By individually fusing fixtures,
electrical problems are
isolated from the rest of the
circuit. The added benefits of
this is the ability to quickly
identify the problem fixture
and reduce the repair time.
Fuse holders are rated up to 10 amperes at 300 volts and
are equipped with 7" 18 AWG leads. Order part number
LHR000 for two leads, and part number LHR001 for one
lead; with the other terminal used for insertion of 18 AWG
ballast lead.

Specifications
Voltage Rating 300 VAC
Ampere Rating LHR000 10 A
LHR001 10 A
Approvals UL Recognized
CSA Certified
(File: 73160)
Flammability Rating UL94 V-0
Example part number LHR001
Ordering number 0LHR0001T




Similar Part No. - 0LMF005.V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0LMF03.2V LITTELFUSE-0LMF03.2V Datasheet
174Kb / 1P
LGR/LMF In-Line Fuses and LHR Holder
More results


Similar Description - 0LMF005.V

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEB LITTELFUSE-LEB Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
622205 LITTELFUSE-622205 Datasheet
174Kb / 1P
LGR/LMF In-Line Fuses and LHR Holder
0LMF03.2V LITTELFUSE-0LMF03.2V Datasheet
174Kb / 1P
LGR/LMF In-Line Fuses and LHR Holder
logo
List of Unclassifed Man...
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
logo
Cooper Bussmann, Inc.
HHC COOPER-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
logo
List of Unclassifed Man...
HHC ETC1-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders
logo
Littelfuse
155 LITTELFUSE-155 Datasheet
479Kb / 1P
155 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
logo
Eaton All Rights Reserv...
GMQ EATON-GMQ Datasheet
261Kb / 2P
Rejection time-delay fuses and in-line fuse holders
HHC EATON-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders for ATC짰 blade fuses
logo
Littelfuse
01550104ZXU LITTELFUSE-01550104ZXU_V01 Datasheet
162Kb / 1P
155100 Series Twist-Lock In-Line Holders for 3AG/AB Fuses
Revised: GD. 06/07/22
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com