Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1503 Datasheet (PDF) - Littelfuse

1503 Datasheet PDF - Littelfuse
Part # 1503
Download  1503 Download
File Size   199.69 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 1503 Series In-Line Fuseholders For 1/4" x 1-1/4" (3AG/3AB) Fuses

1503 Datasheet (PDF)

Go To PDF Page Download Datasheet
1503 Datasheet PDF - Littelfuse

Part # 1503
Download  1503 Click to download

File Size   199.69 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 1503 Series In-Line Fuseholders For 1/4" x 1-1/4" (3AG/3AB) Fuses

1503 Datasheet (HTML) - Littelfuse


1503 Product details

Description
The 150312 & 150322 are 500 VAC/VDC rated inline fuseholder
ideal for applications where supplemental protection is needed,
such as lighting ballasts and power supplies. 8-inch pre-stripped
wire leads and fuse clips come preassembled for quick installation.

Features/Benefits
■ High voltage rating
accomodates many power
applications
■ Wire leads are pre-attached
to fuse clips for quick
assembly
■ Single piece molded body
■ UL Recognized to UL/CSA
4248.1




Similar Part No. - 1503

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1503 DATADELAY-1503 Datasheet
238Kb / 3P
MECHANICALLY VARIABLE DELAY LINE
logo
3M Electronics
1503 3M-1503 Datasheet
48Kb / 2P
3MTM Tan Polyethylene Single Coated Medical Tape
Jun-2013
logo
Abbatron All Rights Res...
1503 ABBATRON-1503 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
1503-1 ETC2-1503-1 Datasheet
439Kb / 1P
TURRET TERMINALS
logo
Data Delay Devices, Inc...
1503-100A DATADELAY-1503-100A Datasheet
238Kb / 3P
MECHANICALLY VARIABLE DELAY LINE
More results


Similar Description - 1503

ManufacturerPart #DatasheetDescription
logo
Littelfuse
340 LITTELFUSE-340 Datasheet
53Kb / 1P
Fuseholders - For 3AG Fuses
342 LITTELFUSE-342 Datasheet
104Kb / 1P
Fuseholders - For 3AG Fuses
344 LITTELFUSE-344 Datasheet
92Kb / 1P
Fuseholders - For 3AG Fuses
logo
Dubilier
DBCFC2QB100 DUBILIER-DBCFC2QB100 Datasheet
94Kb / 1P
FUSES 1 x CERAMIC FUSES - QUICK BLOW 1/4 1/4
DBCFG2TD100 DUBILIER-DBCFG2TD100 Datasheet
96Kb / 1P
FUSES 1 1/4 x 1/4 GLASS FUSES - QUICK BLOW
logo
Cooper Bussmann, Inc.
MDA-14-R COOPER-MDA-14-R Datasheet
280Kb / 2P
1/4? x 1 1/4? Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
HFA EATON-HFA Datasheet
213Kb / 1P
1/4??x 1 1/4??in-line water-resistant fuse
HFB EATON-HFB Datasheet
377Kb / 1P
1/4??x 1 1/4??in-line waterproof fuse holder
HRK EATON-HRK Datasheet
170Kb / 1P
1/4??x 7/8??to 1/4" x 1 1/4" Universal in-line fuse holder
logo
Littelfuse
03420025Z LITTELFUSE-03420025Z_V01 Datasheet
401Kb / 2P
342 Military Series Panel Mount Enclosed Fuseholders for 3AB/3AG/F02/F03 Fuses
Revised: GD. 07/31/21
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com