Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3442 Datasheet (PDF) - Linear Integrated Systems

LTC3442 Datasheet PDF - Linear Integrated Systems
Part # LTC3442
Download  LTC3442 Download
File Size   326.25 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation

LTC3442 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3442 Datasheet PDF - Linear Integrated Systems

Part # LTC3442
Download  LTC3442 Click to download

File Size   326.25 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation

LTC3442 Datasheet (HTML) - Linear Integrated Systems


LTC3442 Product details

DESCRIPTION
The LTC®3442 is a highly efficient, fixed frequency, BuckBoost DC/DC converter, which operates from input voltages above, below, and equal to the output voltage. The topology incorporated in the IC provides a continuous transfer function through all operating modes, making the product ideal for a single Lithium-Ion or multicell alkaline applications where the output voltage is within the battery voltage range.

FEATURES
■ Regulated Output with Input Voltages Above, Below, or Equal to the Output
■ Single Inductor, No Schottky Diodes Required
■ Manual or Programmable Automatic Burst Mode® Operation
■ Programmable Average Input Current Limit
■ Up to 1.2A Continuous Output Current from a Single Lithium-Ion Cell
■ High Efficiency: Up to 95%
■ Output Disconnect in Shutdown
■ 2.4V to 5.5V Input Range
■ 2.4V to 5.25V Output Range
■ 35µA Quiescent Current in Burst Mode Operation
■ Programmable Frequency from 300kHz to 2MHz
■ <1µA Shutdown Current
■ Small, Thermally Enhanced 12-Lead (4mm × 3mm) DFN Package

APPLICATIONS
■ PDA/‘SMART’ Phones
■ Handheld Computers
■ MP3 Players
■ Handheld Instruments
■ Digital Cameras
■ Wireless Handsets
■ USB Peripherals




Similar Part No. - LTC3442

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3442 LINER-LTC3442 Datasheet
364Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
LTC3442 LINER-LTC3442 Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3442EDE LINER-LTC3442EDE Datasheet
364Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
LTC3442 LINER-LTC3442_15 Datasheet
564Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
More results


Similar Description - LTC3442

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3442 LINER-LTC3442 Datasheet
364Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3442 LINER-LTC3442_15 Datasheet
564Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter with Automatic Burst Mode Operation
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com