Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1589IG Datasheet (PDF) - Linear Integrated Systems

LTC1589IG Datasheet PDF - Linear Integrated Systems
Part # LTC1589IG
Download  LTC1589IG Download
File Size   272.32 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 12-/14-/16-Bit SoftSpan DACs with Programmable Output Range

LTC1589IG Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1589IG Datasheet PDF - Linear Integrated Systems

Part # LTC1589IG
Download  LTC1589IG Click to download

File Size   272.32 Kbytes
Page   16 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 12-/14-/16-Bit SoftSpan DACs with Programmable Output Range

LTC1589IG Datasheet (HTML) - Linear Integrated Systems


LTC1589IG Product details

DESCRIPTION
The LTC®1588/LTC1589/LTC1592 are serial input 12-/14-/16-bit multiplying current output DACs that operates from a single 5V supply. These SoftSpanTM DACs can be software-programmed for either unipolar or bipolar mode through a 3-wire SPI interface. In either mode, the voltage output range can also be software-programmed. Two output ranges in unipolar mode and four output ranges in bipolar mode are available.

FEATURES
■ Six Programmable Output Ranges
   Unipolar Mode: 0V to 5V, 0V to 10V
   Bipolar Mode: ±5V, ±10V, ±2.5V, –2.5V to 7.5V
■ 1LSB Max DNL and INL Over the Industrial Temperature Range
■ Glitch Impulse < 2nV-s
■ 16-Lead SSOP Package
■ Power-On Reset to 0V
■ Asynchronous Clear to 0V for All Ranges

APPLICATIONS
■ Process Control and Industrial Automation
■ Precision Instrumentation
■ Direct Digital Waveform Generation
■ Software-Controlled Gain Adjustment
■ Automatic Test Equipment




Similar Part No. - LTC1589IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1589IG LINER-LTC1589IG Datasheet
276Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Similar Description - LTC1589IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com