Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1LFS Datasheet (PDF) - Littelfuse

1LFS Datasheet PDF - Littelfuse
Part # 1LFS_V01
Download  1LFS Download
File Size   271.35 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 1LFS SERIES HIGH-SPEED FUSE BLOCKS

1LFS Datasheet (PDF)

Go To PDF Page Download Datasheet
1LFS Datasheet PDF - Littelfuse

Part # 1LFS_V01
Download  1LFS Click to download

File Size   271.35 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 1LFS SERIES HIGH-SPEED FUSE BLOCKS

1LFS Datasheet (HTML) - Littelfuse


1LFS Product details

Description
Littelfuse modular style semiconductor fuse blocks
accommodate a wide range of semiconductor fuses.
Blocks are provided in pairs with fuse mounting hardware.

Features/Benefits
• Modular design reduces inventory requirements
• Sold in pairs for convenience
• Constructed of general purpose phenolic (with tin plated
aluminum terminations)

Specifications
Voltage Rating 600 V
Ampere Rating 1 – 400 A
Approvals UL Recognized E14721
Material Base: 150 ˚C general purpose phenolic
Terminal: Tin plated aluminum
Flammability Rating UL94 V-0




Similar Part No. - 1LFS_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1LFS101 LITTELFUSE-1LFS101 Datasheet
117Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
1LFS102 LITTELFUSE-1LFS102 Datasheet
117Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
More results


Similar Description - 1LFS_V01

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1LS101 LITTELFUSE-1LS101 Datasheet
497Kb / 3P
Semiconductor Fuse Blocks
02980900Z LITTELFUSE-02980900Z Datasheet
57Kb / 1P
FUSE BLOCKS
03500418Z LITTELFUSE-03500418Z Datasheet
57Kb / 1P
FUSE BLOCKS
logo
Cooper Bussmann, Inc.
BG3011SQ COOPER-BG3011SQ Datasheet
258Kb / 3P
Open fuse blocks
C5268-1 COOPER-C5268-1 Datasheet
55Kb / 1P
Fuse Bases (Blocks)
170H3003 COOPER-170H3003 Datasheet
59Kb / 1P
Fuse Bases (Blocks)
logo
Littelfuse
1LFS LITTELFUSE-1LFS Datasheet
117Kb / 1P
1LFS SERIES HIGH-SPEED FUSE BLOCKS
logo
Eaton All Rights Reserv...
S-8000 EATON-S-8000 Datasheet
259Kb / 2P
Fuse blocks
logo
Littelfuse
LSCR102 LITTELFUSE-LSCR102 Datasheet
334Kb / 3P
LSCR SERIES HIGH-SPEED FUSE BLOCKS
Rev: 100621
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
L50S SERIES HIGH-SPEED FUSE
Rev: 082615
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com