Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2450 Datasheet (PDF) - Microchip Technology

PIC18F2450 Datasheet PDF - Microchip Technology
Part # PIC18F2450
Download  PIC18F2450 Download
File Size   5868.18 Kbytes
Page   320 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology

PIC18F2450 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F2450 Datasheet PDF - Microchip Technology

Part # PIC18F2450
Download  PIC18F2450 Click to download

File Size   5868.18 Kbytes
Page   320 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology

PIC18F2450 Datasheet (HTML) - Microchip Technology


PIC18F2450 Product details

Overview
Devices in the PIC18F2450/4450 family incorporate a different oscillator and microcontroller clock system than the non-USB PIC18F devices. The addition of the USB module, with its unique requirements for a stable clock source, make it necessary to provide a separate clock source that is compliant with both USB low-speed and full-speed specifications.

Universal Serial Bus Features:
• USB V2.0 Compliant
• Low Speed (1.5 Mb/s) and Full Speed (12 Mb/s)
• Supports Control, Interrupt, Isochronous and Bulk Transfers
• Supports Up to 32 Endpoints (16 bidirectional)
• 256-Byte Dual Access RAM for USB
• On-Chip USB Transceiver with On-Chip Voltage Regulator
• Interface for Off-Chip USB Transceiver

Power-Managed Modes:
• Run: CPU on, Peripherals on
• Idle: CPU off, Peripherals on
• Sleep: CPU off, Peripherals off
• Idle mode Currents Down to 5.8 μA Typical
• Sleep mode Currents Down to 0.1 μA Typical
• Timer1 Oscillator: 1.8 μA Typical, 32 kHz, 2V
• Watchdog Timer: 2.1 μA Typical
• Two-Speed Oscillator Start-up

Flexible Oscillator Structure:
• Four Crystal modes, including High-Precision PLL for USB
• Two External Clock modes, up to 48 MHz
• Internal 31 kHz Oscillator
• Secondary Oscillator using Timer1 @ 32 kHz
• Dual Oscillator Options allow Microcontroller and USB module to Run at Different Clock Speeds
• Fail-Safe Clock Monitor:
   - Allows for safe shutdown if any clock stops

Peripheral Highlights:
• High-Current Sink/Source: 25 mA/25 mA
• Three External Interrupts
• Three Timer modules (Timer0 to Timer2)
• Capture/Compare/PWM (CCP) module:
   - Capture is 16-bit, max. resolution 5.2 ns
   - Compare is 16-bit, max. resolution 83.3 ns
   - PWM output: PWM resolution is 1 to 10-bit
• Enhanced USART module:
   - LIN bus support
• 10-Bit, Up to 13-Channel Analog-to-Digital Converter module (A/D):
   - Up to 100 ksps sampling rate
   - Programmable acquisition time

Special Microcontroller Features:
• C Compiler Optimized Architecture with Optional Extended Instruction Set
• Flash Memory Retention: > 40 Years
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 131s
• Programmable Code Protection
• Single-Supply In-Circuit Serial Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Optional Dedicated ICD/ICSP Port (44-pin TQFP devices only)
• Wide Operating Voltage Range (2.0V to 5.5V)




Similar Part No. - PIC18F2450

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2450 MICROCHIP-PIC18F2450 Datasheet
5Mb / 324P
28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2008
PIC18F2450 MICROCHIP-PIC18F2450 Datasheet
7Mb / 438P
28/40/44-Pin,High-Performance,Enhanced Flash,USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18F2450-E/ML MICROCHIP-PIC18F2450-E/ML Datasheet
5Mb / 324P
28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2008
PIC18F2450-E/P MICROCHIP-PIC18F2450-E/P Datasheet
5Mb / 324P
28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2008
PIC18F2450-E/PT MICROCHIP-PIC18F2450-E/PT Datasheet
5Mb / 324P
28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2008
More results


Similar Description - PIC18F2450

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2455 MICROCHIP-PIC18F2455 Datasheet
95Kb / 6P
28/40/44-Pin High-Performance, Enhanced Flash USB Microcontrollers with nanoWatt Technology
2003
PIC18F2455 MICROCHIP-PIC18F2455_07 Datasheet
7Mb / 430P
28/40/44-Pin, High Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2007
PIC18F2458 MICROCHIP-PIC18F2458 Datasheet
1,020Kb / 46P
28/40/44-Pin High-Performance, Enhanced Flash, USB Microcontrollers with 12-Bit A/D and nanoWatt Technology
2007
PIC18F2450 MICROCHIP-PIC18F2450_08 Datasheet
5Mb / 324P
28/40/44-Pin, High-Performance, 12 MIPS, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2008
PIC18F4550-IP MICROCHIP-PIC18F4550-IP Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
2009
PIC18F2455 MICROCHIP-PIC18F2455_09 Datasheet
7Mb / 438P
28/40/44-Pin,High-Performance,Enhanced Flash,USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18LF4550-I MICROCHIP-PIC18LF4550-I Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology
03/26/09
PIC18F2455-I MICROCHIP-PIC18F2455-I Datasheet
7Mb / 430P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
12/08/06
PIC18LF4455-I-PT MICROCHIP-PIC18LF4455-I-PT Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
PIC18LF2455-I MICROCHIP-PIC18LF2455-I Datasheet
7Mb / 438P
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
03/26/09
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com