Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LFG600151 Datasheet (PDF) - Littelfuse

LFG600151 Datasheet PDF - Littelfuse
Part # LFG600151
Download  LFG600151 Download
File Size   455.68 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LF SERIES CLASS G FUSE BLOCKS

LFG600151 Datasheet (PDF)

Go To PDF Page Download Datasheet
LFG600151 Datasheet PDF - Littelfuse

Part # LFG600151
Download  LFG600151 Click to download

File Size   455.68 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LF SERIES CLASS G FUSE BLOCKS

LFG600151 Datasheet (HTML) - Littelfuse


LFG600151 Product details

Description
All Littelfuse Class G fuse blocks offer snap-to-release
DIN rail mounting and universal mounting holes. Class
G fuse blocks are designed for use with time-delay
current limiting Class G fuses.

Features/Benefits
• Universal mounting holes for easy replacement
• One hand release from DIN rail for most amperages
• Meet requirements for branch circuit protection

Specifications
Voltage Ratings 600 VAC (0–20 A)
480 VAC (25–60 A)
Ampere Ratings 0–60 A
Flammability Rating UL94 V-0
Approvals UL Listed (File: E14721)
CSA Certified (File: LR7316)




Similar Part No. - LFG600151

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFG2060 LIGITEK-LFG2060 Datasheet
59Kb / 1P
FLASH ROUND TYPE LED LAMPS
logo
ORION FANS
LFG225B ORIONFANS-LFG225B Datasheet
536Kb / 1P
filter kit for 225mm
LFG280 ORIONFANS-LFG280 Datasheet
2Mb / 1P
FILTER KIT FOR 280mm
LFG80 ORIONFANS-LFG80 Datasheet
1Mb / 1P
Filter Kits for 80mm
LFG92 ORIONFANS-LFG92 Datasheet
1Mb / 1P
Filter Kits for 80mm
More results


Similar Description - LFG600151

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
Class J Fuse Blocks
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
600V Class H Fuse Blocks
logo
Littelfuse
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
LFJ600301SID LITTELFUSE-LFJ600301SID Datasheet
1Mb / 3P
POWR-GARD Blocks & Holders LF SERIES CLASS J FUSE BLOCKS
Rev: 091819
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
Class J Fuse Blocks
2005
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
LFJ600301 LITTELFUSE-LFJ600301_V01 Datasheet
1Mb / 3P
LF SERIES CLASS J FUSE BLOCKS
Rev: 021422
LFT300301 LITTELFUSE-LFT300301 Datasheet
2Mb / 6P
LF SERIES CLASS T FUSE BLOCKS
Rev: 020122
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com